Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN015 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDLN015
Description  150 mA guaranteed output current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN015 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDLN015 Datasheet HTML 4Page - STMicroelectronics LDLN015 Datasheet HTML 5Page - STMicroelectronics LDLN015 Datasheet HTML 6Page - STMicroelectronics LDLN015 Datasheet HTML 7Page - STMicroelectronics LDLN015 Datasheet HTML 8Page - STMicroelectronics LDLN015 Datasheet HTML 9Page - STMicroelectronics LDLN015 Datasheet HTML 10Page - STMicroelectronics LDLN015 Datasheet HTML 11Page - STMicroelectronics LDLN015 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance characteristics
LDLN015
8/18
DocID022735 Rev 3
5
Typical performance characteristics
Figure 4. Output voltage vs. temperature
Figure 5. Output voltage vs. input voltage
VOUT=1 V
Figure 6. Output voltage vs. input voltage
VOUT=3.3 V
Figure 7. Dropout voltage vs. temperature
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100 120 140
Temperature [°C]
V
IN = 5.5 V; IOUT = 150 mA
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100 120 140
Temperature [°C]
V
IN = 5.5 V; IOUT = 150 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40 °C
T = +25 °C
T = 125 °C
V
OUT = 1 V; IOUT = 150 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40 °C
T = +25 °C
T = 125 °C
V
OUT = 1 V; IOUT = 150 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40 °C
T = +25 °C
T = 125 °C
V
OUT = 3.3 V; IOUT = 150 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40 °C
T = +25 °C
T = 125 °C
V
OUT = 3.3 V; IOUT = 150 mA
50
60
70
80
90
100
110
120
130
-40
-20
0
20
40
60
80
100
120 140
Temperature [°C]
I
OUT = 150 mA
50
60
70
80
90
100
110
120
130
-40
-20
0
20
40
60
80
100
120 140
Temperature [°C]
I
OUT = 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com