Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5404 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 13Page - STMicroelectronics VV5404 Datasheet HTML 14Page - STMicroelectronics VV5404 Datasheet HTML 15Page - STMicroelectronics VV5404 Datasheet HTML 16Page - STMicroelectronics VV5404 Datasheet HTML 17Page - STMicroelectronics VV5404 Datasheet HTML 18Page - STMicroelectronics VV5404 Datasheet HTML 19Page - STMicroelectronics VV5404 Datasheet HTML 20Page - STMicroelectronics VV5404 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
17/54
PU0
System Power Up or Sensor Hot Plugged
PU1
Sensor Internal-on Reset Triggers, the sensor enters low power mode and D[3:0] is set
to FH.
PU2
Video Processor released from reset.
PU3
Video Processor enables the sensor clock, CLKI.
PU4-PU5
At least 16 CLKI clock periods after CLKI has been enabled the VP sends a “Soft-Reset”
command to the sensor via the serial interface. This ensures that if a sensor is present
then it is in low-power mode.
PU6
On detecting 32 consecutive FH values on D[3:0], the Video Processor sets the
no_camera low.
PU7-PU8
If present, upload the sensor defect map from E2PROM into the Video Processor
PU9
Video Processor disables the sensor clock, CLKI.
PU10
Video Processor generates the VP_Ready interrupt.
PU11
The host software services the VP_Ready interrupt.
PU12
Host issues command to remove sensor from low-power mode. VP enables the sensor
clock, CLKI.
PU13-PU4
At least 16 CLKI clock periods after CLKI has been enabled the VP sends the “Exit Low-
Power Mode” command to the sensor via the serial interface. This initiates the sensors
4 frame start sequence.
PU15-PU16
One frame of alternating 9H & 6H data on D[3:0] for the video processor to determine the
best sampling phase for the nibble data (D[3:0]).
PU17-PU18
4 Frames after the “Exit Low-Power Mode” serial comms, the sensor starts outputing
valid video data.
Table 7 : System Power-Up or Hot-plugging Device Behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com