Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5404 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 33Page - STMicroelectronics VV5404 Datasheet HTML 34Page - STMicroelectronics VV5404 Datasheet HTML 35Page - STMicroelectronics VV5404 Datasheet HTML 36Page - STMicroelectronics VV5404 Datasheet HTML 37Page - STMicroelectronics VV5404 Datasheet HTML 38Page - STMicroelectronics VV5404 Datasheet HTML 39Page - STMicroelectronics VV5404 Datasheet HTML 40Page - STMicroelectronics VV5404 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
37/54
5.5.10 ADC Setup Register AS0 [111_01112]
Bit
Function
Default
Comment
1:0
ADC Clock Fine Delay Setting
0 ns / 4 ns / 8 ns / 16 ns
00
00: Clock Delay = 0 ns (Default)
01: Clock Delay = 4 ns
10: Clock Delay = 8 ns
11: Clock Delay = 16 ns
3:2
ADC Clock Phase Delay Setting
0
° / 90° / 180° / 270°
01
00: Phase Delay = 0
°
01: Phase Delay = 90
° (Default)
10: Phase Delay = 180
°
11: Phase Delay = 270
°
5:4
PCK Clock Fine Delay Setting
0 ns / 4 ns / 8 ns / 16 ns
00
00: Clock Delay = 0 ns (Default)
01: Clock Delay = 4 ns
10: Clock Delay = 8 ns
11: Clock Delay = 16 ns
7:6
Reserved
1
Table 26 : ADC Setup Register AS0 [111_01112]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com