Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5404 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 30Page - STMicroelectronics VV5404 Datasheet HTML 31Page - STMicroelectronics VV5404 Datasheet HTML 32Page - STMicroelectronics VV5404 Datasheet HTML 33Page - STMicroelectronics VV5404 Datasheet HTML 34Page - STMicroelectronics VV5404 Datasheet HTML 35Page - STMicroelectronics VV5404 Datasheet HTML 36Page - STMicroelectronics VV5404 Datasheet HTML 37Page - STMicroelectronics VV5404 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
34/54
The option to enable the qclk during the data and control period of the line must not be selected if monochrome
(shuffled or unshuffled) video has been selected.
5.5.8
Setup5 [001_01012]
It is important to note that although the output buffer driver strengths can be selected by writing to this register the
programmed values cannot be read back by the serial interface.
QCK mode[1:0]
QCK state
00
Off
0
1
Free Running
1
0
Valid during data and control period of line (see
note)
1
1
Valid only during data period of line
Table 19 : QCK Modes
Note: Not currently verified. Contact STMicroelectronics for further information if this mode is to be used.
FST mode[1:0]
FST state
00
Off
0
1
On - qualifies the status line
10
Reserved
11
Unallocated
Table 20 : FST Modes
Bit
Function
Default
Comment
0
Map serial interface register bits
values on to the QCK and FST pins
Off/On
0
1
Serial Interface Bit for QCK pin
0
2
Serial Interface Bit for FST pin
0
3
Output driver strength select
1
Default setting selects 4mA driver
4
Output driver strength select
0
Default setting selects 4mA drivers
7:5
Unused
0
Table 21 : Setup4[001_01012]
Mapping Enable
FST pin
QCK pin
0FST
QCK
1
su5[2]
su5[1]
Table 22 : FST/QCK Pin Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com