Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5404 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 27Page - STMicroelectronics VV5404 Datasheet HTML 28Page - STMicroelectronics VV5404 Datasheet HTML 29Page - STMicroelectronics VV5404 Datasheet HTML 30Page - STMicroelectronics VV5404 Datasheet HTML 31Page - STMicroelectronics VV5404 Datasheet HTML 32Page - STMicroelectronics VV5404 Datasheet HTML 33Page - STMicroelectronics VV5404 Datasheet HTML 34Page - STMicroelectronics VV5404 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
31/54
5.5.1 DeviceH [000_00002] and DeviceL [000_ 00012]
These registers provide read only information that identifies the sensor type that has been coded as a 12bit number
and a 4bit mask set revision identifier. The device identification number for VV6404 is 404 i.e. 0001 1001 01002. The
initial mask revision identifier is 0 i.e. 00002.
5.5.2
Status0 [000_00102]
5.5.3
Line_count_H [000_00112] & Line_count_L [000_01002]
Bits
Function
Default
Comment
7:0
Device type identifier
0001 10012
Most significant 8 bits of the 12 bit code identifying
the chip type.
Table 9 : DeviceH [000_00002]
Bits
Function
Default
Comment
7:4
Device type identifier
01002
Least significant 4 bits of the 12 bit code identifying
the chip type.
3:0
Mask set revision identifier
00002
Table 10 : DeviceL [000_00012]
Bit
Function
Default
Comment
0
Exposure value update pending
0
Exposure sent but not yet consumed by the
exposure controller
1
Gain value update pending
0
Gain value sent but not yet consumed by the
exposure controller
2
Clock divisor update pending
0
Clock divisor sent but not yet consumed by the
exposure controller
3
Black cal fail flag
0
If the black calibration has failed this flag will be
raised. It will stay active until the last line of the
next successful black calibration.
4
Odd/even frame
1
The flag will toggle state on alternate frames
7:5
Unused
000
Table 11 : Status0 [000_00102]
Register
Index
Bits
Function
Default
Comment
000_00112
7:0
Current line count MSB
-
Displays current line count
000_01002
7:0
Current line count LSB
-
Table 12 : Current Line Counter Value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com