Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5404 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 41Page - STMicroelectronics VV5404 Datasheet HTML 42Page - STMicroelectronics VV5404 Datasheet HTML 43Page - STMicroelectronics VV5404 Datasheet HTML 44Page - STMicroelectronics VV5404 Datasheet HTML 45Page - STMicroelectronics VV5404 Datasheet HTML 46Page - STMicroelectronics VV5404 Datasheet HTML 47Page - STMicroelectronics VV5404 Datasheet HTML 48Page - STMicroelectronics VV5404 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
45/54
7.
Detailed specifications
7.1
General
* Contact STMicroelectronics for information regarding increased temperature range
7.2
DC characteristics
Image Format
356 x 292 pixels (CIF)
Pixel Size
12.0 x 11.0
µm
Array Format
CIF
Exposure control
25000:1 (performed by co-processor)
Sensor signal / Noise ratio
46dB
Minimum illumination
0.1 lux
Supply Voltage
5.0v DC +/-5%
Package type
48LCC
Operating Temp. range
0
oC - 40oC*
Serial interface frequency range
0-100kHz
Supply Voltage
5.0 V DC +/- 5%
Supply Current
< 75 mA
Package type
48BGA
Table 31 : VV5407/6407 Specifications
Parameter
Min.
Max.
Notes
VIL
-0.5v
0.3 x VDD
Guaranteed input low voltage
VIH
0.7 x VDD
VDD + 0.5v
Guaranteed input high voltage
VOL
0.4V
At max IOL for pad type
VOH
2.4v
VDD - 0.5v
IOH = 100
µA
At max IOH for pad type
TJ Junction Temp
0 deg C
100 deg C
Internal Pullup resistor
35k
Ω
150k
Ω
Internal Pulldown resistor
35k
Ω
150k
Ω
Table 32 : VV5407/6407 DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com