Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0P Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER0P
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER0P Datasheet HTML 2Page - STMicroelectronics VIPER0P Datasheet HTML 3Page - STMicroelectronics VIPER0P Datasheet HTML 4Page - STMicroelectronics VIPER0P Datasheet HTML 5Page - STMicroelectronics VIPER0P Datasheet HTML 6Page - STMicroelectronics VIPER0P Datasheet HTML 7Page - STMicroelectronics VIPER0P Datasheet HTML 8Page - STMicroelectronics VIPER0P Datasheet HTML 9Page - STMicroelectronics VIPER0P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Pin setting
VIPer0P
6/36
DocID028423 Rev 2
SO16N
Name
Function
7
ON
ZPM exit. When the device is in ZPM, the IC is reactivated by forcing this pin
to SGND for a debounce time, tDEB_ON.
Due to the extremely low level of energy available while in ZPM, the pin can
be noise sensitive. A film-type bypass capacitor from the pin to SGND is
therefore recommended in a noisy environment to prevent improper startup of
the device. An internal pull-up resistor keeps the pin voltage at VON level
during normal operation.
8
OFF
ZPM enter. To enter ZPM this pin has to be forced to SGND, for a debounce
time tDEB_OFF. An internal pull-up resistor keeps the pin voltage at VOFF level
during normal operation.
9 to 12
N.C.
These pins are not internally connected and must be left floating in order to
get a safe clearance distance.
13 to 16
DRAIN
MOSFET drain. The internal high-voltage current source sinks current from
this pin to charge the VCC capacitor at startup and during steady-state
operation.
These pins are mechanically connected to the internal metal PAD of the
MOSFET in order to facilitate heat dissipation. On the PCB, some copper
area must be placed under these pins in order to decrease the total junction-
to-ambient thermal resistance thus facilitating the power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com