Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0P Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER0P
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER0P Datasheet HTML 16Page - STMicroelectronics VIPER0P Datasheet HTML 17Page - STMicroelectronics VIPER0P Datasheet HTML 18Page - STMicroelectronics VIPER0P Datasheet HTML 19Page - STMicroelectronics VIPER0P Datasheet HTML 20Page - STMicroelectronics VIPER0P Datasheet HTML 21Page - STMicroelectronics VIPER0P Datasheet HTML 22Page - STMicroelectronics VIPER0P Datasheet HTML 23Page - STMicroelectronics VIPER0P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
General description
VIPer0P
20/36
DocID028423 Rev 2
During the on-time, the inductor is charged through the input voltage and if it cannot be
discharged by the same amount during the off-time, in every switching cycle there is a net
increase of the average inductor current, that can reach dangerously high values until the
output capacitor is not charged enough to ensure the inductor discharge rate needed for
the volt-second balance. This condition is common at converter startup, because of the low
output voltage.
In the following Figure 28: "Pulse skipping during start-up for FOSC = 60 kHz" the effect of
pulse skipping feature on the DRAIN peak current shape is shown (solid line), compared
with the DRAIN peak current shape when pulse skipping feature is not implemented
(dashed line). Providing more time for cycle-by-cycle inductor discharge when needed, this
feature is effective in keeping low the maximum DRAIN peak current avoiding the flux
runaway condition.
Figure 28: Pulse skipping during start-up for FOSC = 60 kHz
4.8
Direct feedback
The IC embeds a transconductance type error amplifier (E/A) whose inverting input, ground
reference and output are FB, EAGND and COMP, respectively. The internal reference
voltage of the E/A is VFB_REF (1.2 V typical value referred to EAGND). In non-isolated
topologies this makes it possible to tightly regulate positive output voltages through a
simple voltage divider applied among the output voltage terminal, FB and EAGND, and
soldering SGND to EAGND. Since EAGND can float down to -12.5 V with respect to the
ground of the IC (SGND), negative output voltages can be regulated as well, connecting
EAGND to the negative rail, and the voltage divider among FB, EAGND and SGND, as
shown in Figure 34: "Negative output flyback converter (non-isolated)".
The E/A output is scaled down and fed into the PWM comparator, where it is compared to
the voltage across the sense resistor in series to the sense-FET, thus setting the cycle-by-
cycle drain current limitation.
An R-C network connected on the output of the E/A (COMP) is usually used to stabilize the
overall control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com