Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0P Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER0P
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER0P Datasheet HTML 11Page - STMicroelectronics VIPER0P Datasheet HTML 12Page - STMicroelectronics VIPER0P Datasheet HTML 13Page - STMicroelectronics VIPER0P Datasheet HTML 14Page - STMicroelectronics VIPER0P Datasheet HTML 15Page - STMicroelectronics VIPER0P Datasheet HTML 16Page - STMicroelectronics VIPER0P Datasheet HTML 17Page - STMicroelectronics VIPER0P Datasheet HTML 18Page - STMicroelectronics VIPER0P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
VIPer0P
Typical electrical characteristics
DocID028423 Rev 2
15/36
GIPD160720151020MT
1ms
10ms
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0
1
10
100
1,000
I
DRAIN [A]
V
D-S [V]
Tj=150°
Tc=25°C
Single pulse
100µs
10µs
C
Op
era
tion
in t
his
are
a is
limi
ted
by
Ma
x R DS(
on)
Figure 21: VBVDSS vs TJ
Figure 22: Max avalache energy vs TJ
Figure 23: SOA SO16N package
GIPD160720151019MT
0.9
1
1.1
-50
0
50
100
150
V
BVDSS/(VBVDSS@25°C)
T
j(°C)
GIPD200820151330MT
0
0.2
1
0
15
1.2
0.4
0.6
0.8
30
45
60
75
90
105
120
135
150
EAS/(EAS@ 25°C)
T
j (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com