Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0P Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER0P
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER0P Datasheet HTML 15Page - STMicroelectronics VIPER0P Datasheet HTML 16Page - STMicroelectronics VIPER0P Datasheet HTML 17Page - STMicroelectronics VIPER0P Datasheet HTML 18Page - STMicroelectronics VIPER0P Datasheet HTML 19Page - STMicroelectronics VIPER0P Datasheet HTML 20Page - STMicroelectronics VIPER0P Datasheet HTML 21Page - STMicroelectronics VIPER0P Datasheet HTML 22Page - STMicroelectronics VIPER0P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
VIPer0P
General description
DocID028423 Rev 2
19/36
Figure 27: Soft startup
4.6
Oscillator
The IC embeds a fixed frequency oscillator with jittering feature. The switching frequency is
modulated by approximately ±7% kHz FOSC at 260 Hz rate. The purpose of the jittering is to
get a spread-spectrum action that distributes the energy of each harmonic of the switching
frequency over a number of frequency bands, having the same energy on the whole but
smaller amplitudes. This helps to reduce the conducted emissions, especially when
measured with the average detection method or, which is the same, to pass the EMI tests
with an input filter of smaller size with respect to the one that should be needed in absence
of jittering feature. Two options with different switching frequencies, FOSC, are available: 60
kHz (L type) and 120 kHz (H type).
4.7
Pulse skipping
The IC embeds a pulse skip circuit that operates in the following way:
each time the DRAIN peak current exceeds IDLIM level within tON_MIN, the switching
cycle is skipped. The cycles can be skipped until the minimum switching frequency is
reached, FOSC_MIN (15 kHz, typ.).
each time the DRAIN peak current does not exceed IDLIM within tON_MIN, a switching
cycle is restored. The cycles can be restored until the nominal switching frequency is
reached, FOSC (60 or 120 kHz, typ.)
If the converter is indefinitely operated at FOSC_MIN, the IC is turned off after the time tOVL_MAX
(200 ms or 400 ms typ., depending on FOSC) and then automatically restarted with soft start
phase, after the time tRESTART (1 sec, typ.).
The protection is intended in order to avoid the so called "flux runaway" condition often
present at converter startup or in case of a dead-short at converter output and due to the
fact that the primary MOSFET, which is turned on by the internal oscillator, cannot be
turned off before the minimum on-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com