Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0P Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER0P
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0P Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER0P Datasheet HTML 1Page - STMicroelectronics VIPER0P Datasheet HTML 2Page - STMicroelectronics VIPER0P Datasheet HTML 3Page - STMicroelectronics VIPER0P Datasheet HTML 4Page - STMicroelectronics VIPER0P Datasheet HTML 5Page - STMicroelectronics VIPER0P Datasheet HTML 6Page - STMicroelectronics VIPER0P Datasheet HTML 7Page - STMicroelectronics VIPER0P Datasheet HTML 8Page - STMicroelectronics VIPER0P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
April 2016
DocID028423 Rev 2
1/36
This is information on a product in full production.
www.st.com
VIPer0P
Zero-power off-line high voltage converter
Datasheet - production data
Figure 1: Basic application schematic
Features
Smart stand-by architecture using the
zero-power mode (ZPM)
ZPM management by MCU easily realizable
800 V avalanche-rugged power MOSFET
allowing ultra wide VAC input range to be
covered
Embedded HV startup and sense-FET
Current mode PWM controller
Drain current limit protection (OCP)
Wide supply voltage range: 4.5 V to 30 V
Self-supply option allows to remove the
auxiliary winding or bias components
Minimized system input power consumption:
Less than 4 mW @ 230 VAC in ZPM
Less than 10 mW @ 230 VAC in no-load
condition
Less than 400 mW @ 230 VAC with
250 mW load
Jittered switching frequency reduces the
EMI filter cost
60 kHz ±7% (type L)
120 kHz ±7% (type H)
Embedded E/A with 1.2 V reference and
separate ground for easy negative voltage
setting
Protections with automatic restart:
overload/short circuit (OLP), max. duty cycle
counter, VCC clamp
Pulse-skip protection to prevent flux-
runaway
Embedded thermal shutdown
Built in soft start for improved system
reliability
Applications
SMPS for home appliances, home
automation, industrial, lighting and
consumers
Description
The device is a high-voltage converter that
smartly integrates an 800 V avalanche rugged
power MOSFET with PWM current-mode control.
The power MOSFET with 800 V breakdown
voltage allows extended input voltage range to be
applied, as well as to reduce the size of the
DRAIN snubber circuit. This IC is capable of
meeting the most stringent energy-saving
standards as it has very low consumption and
operates in pulse frequency modulation under
light load. The zero-power mode (ZPM) feature
enables the IC to work in an idle state, where the
system is totally shutdown. An MCU can be
easily connected to the IC for smart ZPM
management and it can be supplied by the IC
itself during the idle state. The design of flyback,
buck and buck boost converters is supported.
The integrated HV startup, sense FET, error
amplifier and oscillator with jitter allow a complete
application to be designed with a minimum
component count. In flyback non isolated
topology, a negative output voltage is easily set
thanks to the integrated error amplifier with
separate ground.


Similar Part No. - VIPER0P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
VIPER011LS STMICROELECTRONICS-VIPER011LS Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
VIPER011LSTR STMICROELECTRONICS-VIPER011LSTR Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
VIPER011XS STMICROELECTRONICS-VIPER011XS Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
VIPER011XSTR STMICROELECTRONICS-VIPER011XSTR Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
More results

Similar Description - VIPER0P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
logo
Dialog Semiconductor
IW1700 DIALOG-IW1700 Datasheet
1Mb / 12P
Zero Power No-Load Off-Line Digital PWM Controller
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
logo
Renesas Technology Corp
IW1700 RENESAS-IW1700 Datasheet
847Kb / 16P
Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com