Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BPLF
Description  2 To 6 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BPLF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BPLF Datasheet HTML 1Page - Bothhand USA, LP. BPLF Datasheet HTML 2Page - Bothhand USA, LP. BPLF Datasheet HTML 3Page - Bothhand USA, LP. BPLF Datasheet HTML 4Page - Bothhand USA, LP. BPLF Datasheet HTML 5Page - Bothhand USA, LP. BPLF Datasheet HTML 6Page - Bothhand USA, LP. BPLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BP LF- Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
81
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
24V Input Model
9
24
36
Input Voltage Range
48V Input Model
18
48
75
Vdc
Line Regulation
Output Full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
---
---
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output At Same Load
---
---
± 1.0
%
Switching Frequency
---
250
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
MΩ
Isolation Capacitance
1KHz / 250mV rms
---
350
---
pF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1500/3000Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
℃
71
℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
℃
℃
@ Case Surface Temperature
Storage Temperature
-55
~ +105
℃
℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com