Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLF Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # BPLF
Description  2 To 6 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BPLF Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BPLF Datasheet HTML 1Page - Bothhand USA, LP. BPLF Datasheet HTML 2Page - Bothhand USA, LP. BPLF Datasheet HTML 3Page - Bothhand USA, LP. BPLF Datasheet HTML 4Page - Bothhand USA, LP. BPLF Datasheet HTML 5Page - Bothhand USA, LP. BPLF Datasheet HTML 6Page - Bothhand USA, LP. BPLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BP LF- Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
83
8 . Efficiency & Output Load Chart
Vout= 5 Vdc
Vout= 12 Vdc
Vout= 15 Vdc
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com