Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLF Datasheet(PDF) 6 Page - Bothhand USA, LP.

Part # BPLF
Description  2 To 6 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BPLF Datasheet(HTML) 6 Page - Bothhand USA, LP.

  BPLF Datasheet HTML 1Page - Bothhand USA, LP. BPLF Datasheet HTML 2Page - Bothhand USA, LP. BPLF Datasheet HTML 3Page - Bothhand USA, LP. BPLF Datasheet HTML 4Page - Bothhand USA, LP. BPLF Datasheet HTML 5Page - Bothhand USA, LP. BPLF Datasheet HTML 6Page - Bothhand USA, LP. BPLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BP LF- Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
84
9 . Mechanical Dimension
Metal Case Model
Plastic Case Model
Pin
Single Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
N.C.
-Vo
16
10
No Pin
No Pin
15
11
N.C.
+Vo
14
12
No Pin
No Pin
13
Pin
Dual Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
Common Common
16
10
No Pin
No Pin
15
11
-Vo
+Vo
14
12
No Pin
No Pin
13
Pin
Single Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
N.C.
-Vo
16
10
No Pin
No Pin
15
11
N.C.
+Vo
14
12
No Pin
No Pin
13
Pin
Dual Output
Pin
1
No Pin
No Pin
24
2
23
3
-Vin
+Vin
22
4
21
5
20
6
19
7
18
8
No Pin
No Pin
17
9
Common Common
16
10
No Pin
No Pin
15
11
-Vo
+Vo
14
12
No Pin
No Pin
13
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
31.75
(1.25)
φ0.50
(0.02)
15.24
(0.60)
22.86
(0.90)
20.32
(0.80)
2.54
(0.10)
BP-2405S2M LF
IN=9~36Vdc
OUT=5Vdc Pb
27.63
(1.09)
16.16
(0.64)
Printed Face
3.05
(0.12)
10.16
(0.40)
5.00
(0.20)
8.50
(0.33)
Min.
Bottom View
22.86
(0.90)
2.54
(0.10)
31.75
(1.25)
20.32
(0.80)
15.24
(0.60)
φ0.50
(0.02)
Printed Face
BP-2405S2P LF
IN=9~36Vdc
OUT=5Vdc Pb
27.63
(1.09)
16.16
(0.64)
10.16
(0.40)
5.00
(0.20)
3.05
(0.12)
8.50
(0.33)
Bottom View
Min.
Printed Face
3.05
(0.12)
10.16
(0.40)
5.00
(0.20)
8.50
(0.33)
Min.
Printed Face
ψ
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com