Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BPLF
Description  2 To 6 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BPLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BPLF Datasheet HTML 1Page - Bothhand USA, LP. BPLF Datasheet HTML 2Page - Bothhand USA, LP. BPLF Datasheet HTML 3Page - Bothhand USA, LP. BPLF Datasheet HTML 4Page - Bothhand USA, LP. BPLF Datasheet HTML 5Page - Bothhand USA, LP. BPLF Datasheet HTML 6Page - Bothhand USA, LP. BPLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BP LF- Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
79
1 . Features
l
Wide 4 : 1 Input Range
l
Low Ripple And Noise
l
Input / Output Isolation 1.5K Vdc Or 3K Vdc
l
100% Burn-In
l
Input π - Filter
l
Custom Design Available
l
Net Weight: 12 g / 17 g
Typical
l
RoHS Converter Certified By SGS
2 . Single Output Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
1) 2 W Single Output Series
BP-2405S2 LF
5
400
9
113
50
± 0.5
74
BP-2412S2 LF
12
167
20
110
100
± 0.5
76
BP-2415S2 LF
9~36
15
134
21
107
120
± 0.5
78
BP-4805S2 LF
5
400
10
58
50
± 0.5
72
BP-4812S2 LF
12
167
12
56
100
± 0.5
75
BP-4815S2 LF
18~75
15
134
13
55
120
± 0.5
76
2) 4 W Single Output Series
BP-2405S4 LF
5
800
19
219
50
± 0.5
76
BP-2412S4 LF
12
333
20
213
100
± 0.5
78
BP-2415S4 LF
9~36
15
267
22
209
100
± 0.5
80
BP-4805S4 LF
5
800
10
105
50
± 0.5
79
BP-4812S4 LF
12
333
13
104
100
± 0.5
80
BP-4815S4 LF
18~75
15
267
15
101
120
± 0.5
83
3) 6 W Single Output Series
BP-2405S6 LF
5
1200
25
321
50
± 0.5
78
BP-2412S6 LF
12
500
27
313
100
± 0.5
80
BP-2415S6 LF
9~36
15
400
27
309
120
± 0.5
81
BP-4805S6 LF
5
1200
15
158
50
± 0.5
79
BP-4812S6 LF
12
500
17
154
100
± 0.5
81
BP-4815S6 LF
18~75
15
400
17
152
120
± 0.5
82
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - BPLF

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
BPL-1 FESTO-BPL-1 Datasheet
80Kb / 1P
Adapter plate
BPL-2 FESTO-BPL-2 Datasheet
74Kb / 1P
Adapter plate
BPL-3 FESTO-BPL-3 Datasheet
74Kb / 1P
Adapter plate
logo
Ferroxcube Internationa...
BPL-CLM-P14 FERROXCUBE-BPL-CLM-P14 Datasheet
28Kb / 1P
BPL-CLM-P14
BPL-CLM-P18 FERROXCUBE-BPL-CLM-P18 Datasheet
28Kb / 1P
BPL-CLM-P18
More results

Similar Description - BPLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
0.5 To 1 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
2 To 6 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
2 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
0.5 To 1 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
2 To 6 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com