Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BPLF
Description  2 To 6 Watt Isolated DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BPLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BPLF Datasheet HTML 1Page - Bothhand USA, LP. BPLF Datasheet HTML 2Page - Bothhand USA, LP. BPLF Datasheet HTML 3Page - Bothhand USA, LP. BPLF Datasheet HTML 4Page - Bothhand USA, LP. BPLF Datasheet HTML 5Page - Bothhand USA, LP. BPLF Datasheet HTML 6Page - Bothhand USA, LP. BPLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BP LF- Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
80
4) 2 W Dual Output Series
BP-2405D2 LF
± 5
± 200
19
116
50
± 2
72
BP-2412D2 LF
± 12
± 83
20
111
100
± 2
75
BP-2415D2 LF
9~36
± 15
± 67
21
112
120
± 2
75
BP-4805D2 LF
± 5
± 200
10
56
50
± 2
74
BP-4812D2 LF
± 12
± 83
12
55
100
± 2
75
BP-4815D2 LF
18~75
± 15
± 67
13
55
120
± 2
76
5) 4 W Dual Output Series
BP-2405D4 LF
± 5
± 400
25
214
50
± 2
78
BP-2412D4 LF
± 12
± 167
27
209
100
± 2
80
BP-2415D4 LF
9~36
± 15
± 133
28
208
120
± 2
80
BP-4805D4 LF
± 5
± 400
18
105
50
± 2
79
BP-4812D4 LF
± 12
± 167
20
104
100
± 2
80
BP-4815D4 LF
18~75
± 15
± 133
20
104
120
± 2
80
6) 6 W Dual Output Series
BP-2405D6 LF
± 5
± 600
25
325
50
± 2
77
BP-2412D6 LF
± 12
± 250
27
313
100
± 2
80
BP-2415D6 LF
9~36
± 15
± 200
27
313
120
± 2
80
BP-4805D6 LF
± 5
± 600
18
160
50
± 2
78
BP-4812D6 LF
± 12
± 250
20
156
100
± 2
80
BP-4815D6 LF
18~75
±1 5
± 200
20
156
120
± 2
80
Notes :
1. Load regulation is for output current change from 0% to 100% Max. Load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
24V Input Model
-0.7
24
45
Input Absolute Voltage Range
48V Input Model
-0.7
48
90
Vdc
Output Short Circuit Duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input Current Limit
---
---
---
1
A
Operation Temperature (Ambient
Temperature)
Output Full Load
-25
---
+71
Storage Temperature
-55
---
+105
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com