Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLDTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 5Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 6Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 7Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 8Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 9Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 10Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 11Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 12Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
VIPer0P
Electrical and thermal ratings
DocID028423 Rev 2
9/36
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IC supply and consumptions
VCC
Operating voltage range
referred to SGND, VEAGND = 0
4.5
30
V
referred to EAGND,
VEAGND < 0
VCCclamp
Clamp voltage
ICC = Iclamp_max
30
32.5
35
V
Iclamp max
Clamp shutdown current
VCC > VCCclamp
29
35
41
mA
tclamp max
Clamp time before
shutdown
5
ms
VCCon
VCC startup threshold
VFB = 1.2 V,VDRAIN = 400 V
7.5
8
8.5
V
VCSon
HV current source turn-on
threshold
VCC falling
4
4.25
4.5
V
VCCoff
UVLO
VFB = 1.2 V, VDRAIN = 400 V
3.75
4
4.25
V
Iq
Quiescent current
Not switching, VFB > VFB_REF
0.25
0.35
mA
Iq_ZPM
Quiescent current in ZPM
Not switching, VFB > VFB_REF,
VDRAIN = 325 V
20
µA
ICC
Operating supply current,
switching
FOSC = 60 kHz, VDS = 150 V,
VCOMP =1.2 V
0.6
0.9
1.2
mA
FOSC = 120 kHz, VDS = 150 V,
VCOMP =1.2 V
0.9
1.2
1.5
Notes:
(1)Current supplied only during the main MOSFET OFF time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com