Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLDTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 26Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 27Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 28Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 29Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 30Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 31Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 32Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 33Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Application information
VIPer0P
30/36
DocID028423 Rev 2
single "star point", placed close to the IC. Power ground traces should be connected
to the IC power ground, PGND. SGND and PGND are then to be connected to each
other with the shortest track as possible. The compensation network should be
connected to the COMP, maintaining the trace to SGND as short as possible. In case
of two layer PCB, it is a good practice to route signal traces on one PCB side and
power traces on the other side.
Filtering sensitive pins: some crucial points of the circuit need or may need filtering.
A small high-frequency bypass capacitor to SGND might be useful to get a clean bias
voltage for the signal part of the IC and protect the IC itself during EFT/ESD tests. A
lo
w ESL ceramic capacitor (a few hundreds pF up to 0.1 μF) should be connected
across VCC and SGND, placed as close as possible to the IC. With flyback
topologies, when the auxiliary winding is used, it is suggested to connect the VCC
capacitor on the auxiliary return and then to the main GND using a single track. In
case of nosy environment, it is strongly recommended to filter ON and OFF with small
ceramic capacitors (tens to hundreds pF) connected to SGND, in order to improve the
system noise immunity.
Keep power loops as confined as possible: minimize the area circumscribed by
current loops where high pulsed currents flow, in order to reduce its parasitic self-
inductance and the radiated electromagnetic field: this will greatly reduce the
electromagnetic interferences produced by the power supply during the switching. In a
flyback converter the most critical loops are: the one including the input bulk capacitor,
the power switch, the power transformer, the one including the snubber, the one
including the secondary winding, the output rectifier and the output capacitor. In a
buck converter the most critical loop is the one including the input bulk capacitor, the
power switch, the power inductor, the output capacitor and the free-wheeling diode.
Reduce line lengths: any wire will act as an antenna. With the very short rise times
exhibited by EFT pulses, any antenna has the capability of receiving high voltage
spikes. By reducing line lengths, the level of radiated energy that is received will be
reduced, and the resulting spikes from electrostatic discharges will be lower. This will
also keep both resistive and inductive effects to a minimum. In particular, all of traces
carrying high currents, especially if pulsed (tracks of the power loops) should be as
short and fat as possible.
Optimize track routing: as levels of pickup from static discharges are likely to be
greater closer to the extremities of the board, it is wise to keep any sensitive lines
away from these areas. Input and output lines will often need to reach the PCB edge
at some stage, but they can be routed away from the edge as soon as possible where
applicable. Since vias are to be considered inductive elements, it is recommended to
minimize their number in the signal path and avoid them when designing the power
path.
Improve thermal dissipation: an adequate copper area has to be provided under the
DRAIN pins as heat sink, while it is not recommended to place large copper areas on
the SGND and PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com