Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLDTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 24Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 25Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 26Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 27Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 28Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 29Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 30Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 31Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Application information
VIPer0P
28/36
DocID028423 Rev 2
5.2
Example of ZPM management using MCU
Sometimes the SMPS provides a -5 V bus for instance to enable triac driving to control the
motor of a washing machine. In this case, not to generate an additional +5 V bus, the
ground of the MCU can be connected to the -5 V bus and its positive supply voltage to the
ground of SMPS and VIPer0P. This connection requires an interface circuit realizing a level
shifting to properly drive ON and OFF, like the one shown in the Figure 39: "Example of
interfacing the VIPer0P to a MCU supplied from a negative rail ". During ZPM the MCU is
supplied through ON, but a linear regulator is needed in between, in order to avoid that
during normal operation the AMR of the MCU is exceeded.
Figure 39: Example of interfacing the VIPer0P to a MCU supplied from a negative rail
5.3
Energy saving performances
VIPer0P allows designing applications compliant with the most stringent energy saving
regulations. In order to show the typical performances achievable, the active mode average
efficiency and the efficiency at 10% of the rated output power of a single output flyback
converter using VIPer0P have been measured and are reported in Table 9. In addition,
ZPM, no-load and light load consumptions are shown in the below tables and Figure 40:
"PIN versus VIN in ZPM and no load" and Figure 41: "PIN versus VIN in light load".
Table 9: Power supply efficiency, VOUT = 12 V
VIN
10% output load efficiency [%]
Active mode average efficiency [%]
115 VAC
78.0
80.9
230 VAC
71.1
81.0
0 V
-5 V
EAGND
GND
ON
OFF
VCC
GND
GPIO
220 pF
56 k
W
MCU
VIPer0P
220 pF
GPIO
56 k
W
LDO
GIPD250820151541FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com