Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLDTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 20Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 21Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 22Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 23Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 24Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 25Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 26Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 27Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
General description
VIPer0P
24/36
DocID028423 Rev 2
VOUT could increases out of control and be maintained indefinitely at much higher value
than nominal one with risk for the output capacitor, the output diode and the IC itself. The
max duty cycle counter protection prevents this kind of failures.
4.14
VCC clamp protection
This protection can be invoked when the IC is supplied by auxiliary winding or diode from
the output voltage, when an output over-voltage produces an increase of VCC.
If VCC reaches the clamp level VCCclamp (30 V, min. referred to EAGND) the current injected
into the pin is monitored and if it exceeds the internal threshold Iclamp_max (30 mA, typ.) for
more than tclamp_max (5 ms, typ.), the PWM is disabled for tRESTART (1 sec, typ.) and then
activated again with soft-start phase. The protection is disabled during the soft-start time.
4.15
Thermal shutdown
If the junction temperature becomes higher than the internal threshold TSD (160 °C, typ.),
the PWM is disabled. After tRESTART time, a single switching cycle is performed, during
which the temperature sensor embedded in the Power MOSFET section is checked. If a
junction temperature above TSD is still measured, the PWM is maintained disabled for
tRESTART time, otherwise it resumes switching with soft-start phase.
During tRESTART VCC is maintained between VCSon and VCCon levels by the HV current source
periodical activation. Such a behavior is summarized in Figure 32: "Thermal shutdown
timing diagram".
Figure 32: Thermal shutdown timing diagram
time
time
V
CC
V
CC on
V
CS on
I
DR AIN
I
DLIM
t
RES TAR T
T
J > TSD
T
J < TSD
I
PEA K
t
RES TAR T
t
SS
GIPD270420151404MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com