Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLDTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER0PLDTR
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLDTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER0PLDTR Datasheet HTML 9Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 10Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 11Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 12Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 13Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 14Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 15Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 16Page - STMicroelectronics VIPER0PLDTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VIPer0P
Typical electrical characteristics
DocID028423 Rev 2
13/36
Figure 9: Operating current ICC vs TJ
Figure 10: ICOMP vs TJ
Figure 11: ICH1 vs TJ
Figure 12: ICH1 vs VDRAIN
Figure 13: ICH2 vs TJ
Figure 14: ICH2 vs VDRAIN
GIPD160720151007MT
0.9
1
1.1
-50
0
50
100
150
T
j(°C)
I
CC/(ICC@25°C)
GIPD160720151015MT
0.9
1
1.1
-50
0
50
100
150
I
COMP/(ICOMP@25°C)
T
j(°C)
GIPD160720151008MT
0.5
0.75
1
1.25
1.5
-50
0
50
100
150
ICH1/(ICH1@25°C)
Tj(°C)
GIPD160720151009MT
0.8
0.9
1
1.1
1.2
50
100
150
200
250
300
350
400
V
DRAIN [V]
I
CH1/(ICH1@VDRAIN=100V)
GIPD160720151010MT
0.8
1
1.2
-50
0
50
100
150
I
CH2/(ICH2@25°C)
T
j(°C)
GIPD160720151011MT
0.8
0.9
1
1.1
1.2
50
100
150
200
250
300
350
400
V
DRAIN [V]
ICH2/(ICH2@VDRAIN=100V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com