Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6717A
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6717A Datasheet HTML 5Page - STMicroelectronics L6717A Datasheet HTML 6Page - STMicroelectronics L6717A Datasheet HTML 7Page - STMicroelectronics L6717A Datasheet HTML 8Page - STMicroelectronics L6717A Datasheet HTML 9Page - STMicroelectronics L6717A Datasheet HTML 10Page - STMicroelectronics L6717A Datasheet HTML 11Page - STMicroelectronics L6717A Datasheet HTML 12Page - STMicroelectronics L6717A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
DocID024465 Rev 1
9/57
L6717A
Pins description and connection diagrams
2
Pins description and connection diagrams
Figure 5. Pins connection (top view)
2.1
Pin descriptions
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
36 35 34 33 32 31 30 29 28 27 26 25
123456789 10 11 12
CS1P
CS1N
CS2P
CS2N
CS3P
CS3N
CS4P
CS4N
ILIM
NB_CSP
NB_CSN
OSC / EN /FLT
BOOT1
UGATE1
PHASE1
LGATE1
LGATE2
NB_LGATE
VCCDRV
PHASE2
UGATE2
BOOT2
NB_PHASE
NB_UGATE
L6717A
PAD (GND)
Table 2. Pin description
Pin#
Name
Function
1PWROK
System-wide power good input (Ignored in PVI mode).
Internally pulled-low by 10
μA. When low, the device will decode the two SVI bits SVC
and SVD to determine the
Pre-PWROK Metal VID. When high, the device will actively
run the SVI protocol.
Pre-PWROK Metal VID are latched after EN is asserted and re-used in case of
PWROK de-assertion. Latch is reset by VCC or EN cycle.
2SGND
Device signal ground.
All the internal references are referred to this pin. Connect to the PCB signal ground.
3VCC
Device power supply.
Operative voltage is 12 ±15%. Filter with 1
μF MLCC to SGND.
4
COMP
CORE error amplifier output.
Connect with an R
F
- C
F
to FB.
The CORE section and/or the device cannot be disabled by grounding this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com