Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717A Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6717A
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6717A Datasheet HTML 35Page - STMicroelectronics L6717A Datasheet HTML 36Page - STMicroelectronics L6717A Datasheet HTML 37Page - STMicroelectronics L6717A Datasheet HTML 38Page - STMicroelectronics L6717A Datasheet HTML 39Page - STMicroelectronics L6717A Datasheet HTML 40Page - STMicroelectronics L6717A Datasheet HTML 41Page - STMicroelectronics L6717A Datasheet HTML 42Page - STMicroelectronics L6717A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
DocID024465 Rev 1
39/57
L6717A
Output voltage positioning
slope (
Figure 10).
The output characteristic vs. load current is then given by:
Where R
LL_NB
is the resulting load-line resistance implemented by the NB section. k
DRPNB
value is determined by the power manager I
2
C and its default value is 1/4.
R
FB_NB
resistor can be then designed according to the R
LL_NB
specifications and DRP_ADJ
setting as follow:
7.7
On-the-fly VID transitions
L6717A manages on-the-fly VID Transitions that allow the output voltage of both sections to
modify during normal device operation for CPU power management purposes. OV, UV and
PWRGOOD signals are masked during every OTF-VID Transition and they are re-activated
with a 16 clock cycle delay to prevent from false triggering.
When changing dynamically the regulated voltage (OTF-VID), the system needs to charge
or discharge the output capacitor accordingly. This means that an extra-current I
OTF-VID
needs to be delivered (especially when increasing the output regulated voltage) and it must
be considered when setting the over current threshold of both the sections. This current
results:
where dV
OUT
/ dT
VID
depends on the operative mode (7 mV/
μsec. in SVI or externally driven
in PVI).
Overcoming the OC threshold during the dynamic VID causes the device latch and disable.
Dynamic VID transition is managed in different ways according to the device operative
mode:
•
PVI mode.
L6717A checks for VID code modifications (See
Figure 12) on the rising-edge of an
internal additional OTFVID-clock and waits for a confirmation on the following falling
edge. Once the new code is stable, on the next rising edge, the reference starts
stepping up or down in LSB increments every two OTFVID-clock cycle until the new
VID code is reached. During the transition, VID code changes are ignored; the device
re-starts monitoring VID after the transition has finished on the next rising-edge
available. OTFVID-clock frequency (F
OTFVID
) is 500 kHz.
If the new VID code is more than 1 LSB different from the previous, the device will
execute the transition stepping the reference with the OTFVID-clock frequency F
OTFVID
until the new code has reached. The output voltage rate of change will be of 12.5 mV /
4
μsec. = 3.125 mV/μsec.
V
OUT_NB
=V I D
R
FB_NB
k
DR PN B
I
DROOP_NB
⋅⋅
–
VID
R
FB_NB
k
DR PN B
DC R
R
G_NB
----------------- I
OU T
⋅⋅
⋅
–
VID
R
LL_NB
I
OUT_NB
⋅
–
=
R
FB_NB
R
LL_NB
k
DR PN B
---------------------
R
I SEN
R
ds O N
-----------------
⋅
=
I
OTF-VID
C
OU T
dV
OUT
dT
VI D
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com