Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6717A
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6717A Datasheet HTML 9Page - STMicroelectronics L6717A Datasheet HTML 10Page - STMicroelectronics L6717A Datasheet HTML 11Page - STMicroelectronics L6717A Datasheet HTML 12Page - STMicroelectronics L6717A Datasheet HTML 13Page - STMicroelectronics L6717A Datasheet HTML 14Page - STMicroelectronics L6717A Datasheet HTML 15Page - STMicroelectronics L6717A Datasheet HTML 16Page - STMicroelectronics L6717A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
DocID024465 Rev 1
13/57
L6717A
Pins description and connection diagrams
25
SDA / OVP
SDA - power manager I
2
C
data.
When power manager
I
2
C is enabled, this is the data connection.
See
Section 6 for details.
OVP - over voltage setting.
When power manager
I
2
C is disabled (VID4 / I2CDIS to 3.3V) this pin sources a
constant 10
μA current. By connecting a resistor R
OVP
to GND, the OV threshold for
both Sections is defined.
See
Section 8.1 for details.
26
SCL / OS
SCL - power manager I2C clock.
When power manager I
2
C is enabled, this is the clock connection.
See
Section 6 for details.
OS - CORE section offset.
When power manager
I
2
C is disabled (VID4 / I2CDIS to 3.3V) this pin is internally set
to 1.24V(2.0V): connecting a R
OS
resistor to GND (3.3V) allows setting a current that
is mirrored into FB pin in order to program a positive (negative) offset according to the
selected R
FB
. Short to GND to disable the function. See
Section 7.4 for details.
27, 28
PWM4,
PWM3
PWM output for external drivers.
Connect to external drivers PWM inputs. The device is able to manage HiZ status by
setting the pins floating.
By shorting to GND PWM4 or PWM3 and PWM4, it is possible to program the CORE
section to work at 3 or 2 phase respectively.
See
Section 5.4.4 for details about HiZ management.
29
VID5 /
ADDR
Voltage identification pin -
I
2
C address pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. In SVI
mode, the pin is monitored on the EN pin rising-edge to modify the
I
2
C address. See
Section 5 for details.
30
VID4 /
I2CDIS
Voltage identification pin -
I
2
C disable pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. In SVI
mode, the pin is monitored on the EN pin rising-edge to enable/disable the
I
2
C. See
Section 5 for details.
31
VID3 / SVC
Voltage IDentification Pin - SVI Clock Pin.
Internally pulled-low by 10
μA, it programs the output voltage in both SVI and PVI
modes. In SVI mode, the 10
μA pull down is disabled. See Section 5 for details.
32
VID2 / SVD
Voltage identification pins - SVI data pin.
Internally pulled-low by 10
μA, it programs the output voltage in both SVI and PVI
modes. In SVI mode, the 10
μA pull down is disabled. See Section 5 for details.
33
VID1 /
CORETYPE
Voltage identification pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. The pin is
monitored on the EN pin rising-edge to define the operative mode of the controller
(SVI or PVI). See
Section 5 for details.
34
VID0 / VFIX
Voltage identification pin.
Internally pulled-low by 10
μA, it programs the output voltage in PVI mode. If the pin is
pulled to 3.3V, the device enters V_FIX mode and SVI commands are ignored.
See
Section 5 for details.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com