Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717A Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6717A
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6717A Datasheet HTML 27Page - STMicroelectronics L6717A Datasheet HTML 28Page - STMicroelectronics L6717A Datasheet HTML 29Page - STMicroelectronics L6717A Datasheet HTML 30Page - STMicroelectronics L6717A Datasheet HTML 31Page - STMicroelectronics L6717A Datasheet HTML 32Page - STMicroelectronics L6717A Datasheet HTML 33Page - STMicroelectronics L6717A Datasheet HTML 34Page - STMicroelectronics L6717A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
DocID024465 Rev 1
31/57
L6717A
Power manager I2C
See
Table 12 and Table 13 for details about the codification of the command and the data
stream.
6.1.2
Overvoltage threshold adjustment (OV_SET)
This command allows to adjust the overvoltage threshold independently for CORE and NB
Sections. The threshold is adjustable, from the default value of +250 mV, in 200 mV steps
up to +800 mV above the reference.
See
Table 12 and Table 14 for details about the codification of the command and the data
stream.
6.1.3
Switching frequency adjustment (FSW_ADJ)
This command allows to adjust the switching frequency for the system in +/-10% steps
across the main level defined by the OSC pin. Modifying the switching frequency may result
in benefit for the application from a thermal point of view.
See
Table 12 and Table 15 for details about the codification of the command and the data
stream.
Table 13. OVRSPD command - offset codification (1) (2)
1.
Offset is added with an OTF VID transition above the already programmed VID.
2.
Maximum regulated output voltage is internally limited to 2.8 Vmax/0.5 Vmin regardless the offset would let
the IC regulate to higher/lower voltage.
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
00000
0.00
01000
0.40
10000
0.80
11000
1.20
00001
0.05
01001
0.45
10001
0.85
11001
1.25
00010
0.10
01010
0.50
10010
0.90
11010
1.30
00011
0.15
01011
0.55
10011
0.95
11011
1.35
00100
0.20
01100
0.60
10100
1.00
11100
1.40
00101
0.25
01101
0.65
10101
1.05
11101
1.45
00110
0.30
01110
0.70
10110
1.10
11110
1.50
00111
0.35
01111
0.75
10111
1.15
11111
1.55
Table 14. OVP_SET command - threshold codification
Data stream [5:6] and [7:8]
OVP threshold [V]
00
+250mV (Default)
01
+400mV
10
+600mV
11
+800mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com