Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717A Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6717A
Description  Dynamic phase management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717A Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6717A Datasheet HTML 45Page - STMicroelectronics L6717A Datasheet HTML 46Page - STMicroelectronics L6717A Datasheet HTML 47Page - STMicroelectronics L6717A Datasheet HTML 48Page - STMicroelectronics L6717A Datasheet HTML 49Page - STMicroelectronics L6717A Datasheet HTML 50Page - STMicroelectronics L6717A Datasheet HTML 51Page - STMicroelectronics L6717A Datasheet HTML 52Page - STMicroelectronics L6717A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
DocID024465 Rev 1
49/57
L6717A
High current embedded drivers
10.2
Power dissipation
It is important to consider the power that the device is going to dissipate in driving the
external MOSFETs in order to avoid overcoming the maximum junction operative
temperature.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
•
Device power (P
DC
) depends on the static consumption of the device through the
supply pins and it is simply quantifiable as follow:
•
Drivers' power is the power needed by the driver to continuously switch ON and OFF
the external MOSFETs; it is a function of the switching frequency and total gate charge
of the selected MOSFETs. It can be quantified considering that the total power P
SW
dissipated to switch the MOSFETs dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance.
This last term is the important one to be determined to calculate the device power
dissipation.
The total power dissipated to switch the MOSFETs for each phase featuring embedded
driver results:
Where Q
GHSx
is the total gate charge of the HS MOSFETs and Q
GLSx
is the total gate
charge of the LS MOSFETs for both CORE and NB sections (only Phase1 and Phase2
for CORE section); VBOOTx is the driving voltage for the HSx MOSFETs.
P
DC
V
CC
I
CC
V
VC CD R
I
VC CD R
⋅
+
⋅
=
P
SW x
F
SW
Q
GHS x
VC CD R
⋅
Q
GLS x
VB OOT x
⋅
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com