Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759DTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 16Page - STMicroelectronics L6759DTR Datasheet HTML 17Page - STMicroelectronics L6759DTR Datasheet HTML 18Page - STMicroelectronics L6759DTR Datasheet HTML 19Page - STMicroelectronics L6759DTR Datasheet HTML 20Page - STMicroelectronics L6759DTR Datasheet HTML 21Page - STMicroelectronics L6759DTR Datasheet HTML 22Page - STMicroelectronics L6759DTR Datasheet HTML 23Page - STMicroelectronics L6759DTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Device description and operation
L6759D
20/51
Doc ID 023240 Rev 1
5
Device description and operation
The L6759D is a programmable 2/3-phase PWM controller that provides complete control
logic and protection to realize a high performance step-down DC-DC voltage regulator
optimized for advanced DDR memory power supply. The device features 2nd generation LTB
Technology™: through a load transient detector, it is able to turn on simultaneously all the
phases. This allows the output voltage deviation to be minimized and, in turn, to minimize
system costs by providing the fastest response to a load transition.
The L6759D implements current reading across the inductor in fully differential mode. A
sense resistor in series to the inductor can be also considered to improve reading precision.
The current information read corrects the PWM output in order to equalize the average
current carried by each phase.
The controller supports VR12 specifications featuring 25 MHz SVI bus and all the required
registers. The platform may program the defaults for these registers through dedicated pin-
strapping.
A complete set of protection is available: overvoltage, undervoltage, overcurrent (per-phase
and total) and feedback disconnection guarantee the load to be safe under all conditions.
Special power management features like DPM, VFDE and GDC modify the phase number,
gate driving voltage and switching frequency to optimize the efficiency over the load range.
The L6759D is available in VFQFPN48 with a 6x6 mm body package.
5.1
Device initialization
Figure 6.
Device initialization: default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com