Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759DTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 43Page - STMicroelectronics L6759DTR Datasheet HTML 44Page - STMicroelectronics L6759DTR Datasheet HTML 45Page - STMicroelectronics L6759DTR Datasheet HTML 46Page - STMicroelectronics L6759DTR Datasheet HTML 47Page - STMicroelectronics L6759DTR Datasheet HTML 48Page - STMicroelectronics L6759DTR Datasheet HTML 49Page - STMicroelectronics L6759DTR Datasheet HTML 50Page - STMicroelectronics L6759DTR Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
L6759D
PMBus support
Doc ID 023240 Rev 1
47/51
12.8
Overvoltage threshold setting
The dedicated MFR_SPECIFIC command allows the programming of a specific threshold
for multi-phase and single-phase sections.
The threshold can be programmed according to Table 12. Different thresholds can be
configured for multi-phase and single-phase sections.
This product is subject to a limited license from Power-One, Inc. related to digital power
technology patents owned by Power-One, Inc. This license does not extend to stand-alone
power supply products.
Table 12.
OV threshold setting
Data byte [Hex]
OC threshold [mV] (above programmed VID)
00h
+175 mV (default)
01h
+225 mV
02h
+275 mV
03h
+325 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com