Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759DTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 18Page - STMicroelectronics L6759DTR Datasheet HTML 19Page - STMicroelectronics L6759DTR Datasheet HTML 20Page - STMicroelectronics L6759DTR Datasheet HTML 21Page - STMicroelectronics L6759DTR Datasheet HTML 22Page - STMicroelectronics L6759DTR Datasheet HTML 23Page - STMicroelectronics L6759DTR Datasheet HTML 24Page - STMicroelectronics L6759DTR Datasheet HTML 25Page - STMicroelectronics L6759DTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Output voltage positioning
L6759D
22/51
Doc ID 023240 Rev 1
6
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode for the
two sections and by programming the droop function effect (see Figure 8). The controller
reads the current delivered by each section by monitoring the voltage drop across the DCR
inductors. The current (IDROOP / ISDROOP) sourced from the FB / SFB pins, directly
proportional to the read current, causes the related section output voltage to vary according
to the external RFB / RSFB resistor, so implementing the desired load-line effect.
The L6759D embeds a dual remote-sense buffer to sense remotely the regulated voltage of
each section without any additional external components. In this way, the output voltage
programmed is regulated, compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 8.
Voltage positioning
6.1
Multi-phase section - phase # programming
The multi-phase section implements a flexible 2 to 3 interleaved-phase converter. To pro-
gram the desired number of phases, pull up with a 1 k
Ω resistor to VCC5 the PWMx signal
that is not required to be used.
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSxP needs to be connected to the
regulated output voltage while CSxN needs to be connected to CSxP through the same RG
resistor used for the active phases. See Figure 2 for details on 2-phase connections.
6.2
Multi-phase section - current reading and current sharing
loop
The L6759D embeds a flexible, fully-differential current sense circuitry that is able to read
across inductor parasitic resistance or across a sense resistor placed in series to the induc-
tor element. The fully-differential current reading rejects noise and allows the placing of the
sensing element in different locations without affecting the measurement's accuracy. The
Ref. from DAC
FB
COMP
VSEN
FBR
RF
CF
RFB
To VddCORE
(Remote Sense)
RGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com