Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759DTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 40Page - STMicroelectronics L6759DTR Datasheet HTML 41Page - STMicroelectronics L6759DTR Datasheet HTML 42Page - STMicroelectronics L6759DTR Datasheet HTML 43Page - STMicroelectronics L6759DTR Datasheet HTML 44Page - STMicroelectronics L6759DTR Datasheet HTML 45Page - STMicroelectronics L6759DTR Datasheet HTML 46Page - STMicroelectronics L6759DTR Datasheet HTML 47Page - STMicroelectronics L6759DTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
PMBus support
L6759D
44/51
Doc ID 023240 Rev 1
Note:
1
Applies to multi-phase only.
2
Applies to single-phase only.
MFR_SPECIFIC_EXTEN
DED_COMMAND_15
Y
0F
R byte
VR12_PWRSTATE
MFR_SPECIFIC_EXTEN
DED_COMMAND_16
Y
10
R byte
VR12_OFFSET
CLEAR_FAULTS
N
03
Send byte Used to clear any fault bits that have been set
READ_VIN
N
88
R word
Returns the input voltage in volts (VIN pin)
READ_VOUT
Y
8B
R word
Returns the actual reference used for the regulation in VID
format.
READ_IOUT
Y
8C
R word
Returns the output current in amps
READ_DUTY_CYCLE
N1
94
R word
Returns the duty cycle of the devices’ main power converter
in percentage
MFR_SPECIFIC_04
Y
D4
R word
READ_VOUT. Returns the actual reference used for the
regulation in volts for linear format.
READ_TEMPERATURE_
1
Y
8D
R word
READ_TEMPERATURE. [DegC]
STATUS_BYTE
Y
78
R byte
One byte with information on the most critical faults.
STATUS_WORD
Y
79
R word
Two bytes with information on the units’ fault condition.
STATUS_VOUT
Y
7A
R byte
Status information on the output voltage warnings and faults.
STATUS_IOUT
Y
7B
R byte
Status information on the output current warnings and faults.
STATUS_TEMPERATURE
Y
7D
R byte
Status information on the temperature warnings and faults.
STATUS_CML
Y
7E
R byte
Status information on the units communication, logic and
memory.
STATUS_INPUT
N1
7C
R byte
Status information on the input warning and fault
STATUS_MFR_SPECIFIC
Y
80
R byte
Manufacturer specific status
Table 11.
Supported commands (continued)
Command
Per
rail
Code
[Hex]
Mode
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com