Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6759DTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6759DTR
Description  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 41Page - STMicroelectronics L6759DTR Datasheet HTML 42Page - STMicroelectronics L6759DTR Datasheet HTML 43Page - STMicroelectronics L6759DTR Datasheet HTML 44Page - STMicroelectronics L6759DTR Datasheet HTML 45Page - STMicroelectronics L6759DTR Datasheet HTML 46Page - STMicroelectronics L6759DTR Datasheet HTML 47Page - STMicroelectronics L6759DTR Datasheet HTML 48Page - STMicroelectronics L6759DTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
L6759D
PMBus support
Doc ID 023240 Rev 1
45/51
12.1
Enabling the device through PMBus
The default condition for the L6759D is to power up through the EN pin ignoring PMBus
commands. By properly setting the ON_OFF_CONFIG command, it is also possible to let
the device ignore the EN pin acting only as a consequence of the OPERATION command
issued.
12.2
Controlling Vout through PMBus
Vout can be set independently from the SetVID commands issued through the SVI interface
by using PMBus. Two main modes can be identified:
●
Offset above SVI commanded voltage. By enabling the MARGIN mode through the
OPERATION command and by commanding the MARGIN_HIGH and MARGIN_LOW
registers, it is possible to dynamically control an offset above the output voltage
commanded through the SVI bus.
●
Fixed Vout regardless of SVI.It is necessary to enter DEBUG_MODE. In this condition,
commands from SVI are acknowledged but not executed and VOUT_COMMAND
controls the voltage regulated on the output.The L6759D can enter and exit
DEBUG_MODE anytime. Upon any transition, Vout remains unchanged and only the
next-coming command affects the output voltage positioning (i.e. when exiting
DEBUG_MODE, returning to SVI domain, the output voltage remains unchanged until
the next SetVID command).
Figure 18.
Device initialization: PMBus controlling Vout
VCC5
VDRV
VIN
UVLO
2mSec POR
UVLO
UVLO
50uSec
EN
SVI BUS
PMBus
VDDQ / VTT
ENVTT (Ignored by ON_OFF_Config setting)
VRRDY / SVRRDY
64uSec
ON-OFF_Config
Operation
Command Rejected
Command ACK but not executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com