Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 53Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 54Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 55Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 56Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 57Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 58Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 59Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 60Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
DocID023953 Rev 5
57/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Package pinouts and signal descrip-
127
2.4
Pin muxing
Table 7
defines the pin list and muxing for this device.
Each entry of Table 7 shows all the possible configurations for each pin, via the alternate
functions. The default function assigned to each pin after reset is indicated by ALT0.
Note:
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or
voltage may cause unpredictable device behavior or damage.
Pins labeled “Reserved” are to be tied to ground. Not doing so may cause unpredictable
device behavior.
6. RESET output shall be considered valid only after the 3.3V supply reaches its stable value.
None of system pins (except RESET) provides an open drain output.
Table 7. Pin muxing
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input mux
select
Weak
pull
config
during
reset
Pad
speed(1)
Pin #
SRC
= 1
SRC
= 0
100
pkg
144
pkg
Port A
A[0]
PCR[0]
SIUL
GPIO[0]
ALT0
GPIO[0]
—
Pull
down
M
S
51
73
eTimer_0
ETC[0]
ALT1
ETC[0]
PSMI[35];
PADSEL=0
DSPI_2
SCK
ALT2
SCK
PSMI[1];
PADSEL=0
SIUL
—
—
EIRQ[0]
—
A[1]
PCR[1]
SIUL
GPIO[1]
ALT0
GPIO[1]
—
Pull
down
M
S
52
74
eTimer_0
ETC[1]
ALT1
ETC[1]
PSMI[36];
PADSEL=0
DSPI_2
SOUT
ALT2
—
—
SIUL
—
—
EIRQ[1]
—
A[2]
PCR[2]
SIUL
GPIO[2]
ALT0
GPIO[2]
—
Pull
down
M
S
57
84
eTimer_0
ETC[2]
ALT1
ETC[2]
PSMI[37];
PADSEL=0
FlexPWM_0
A[3]
ALT3
A[3]
PSMI[23];
PADSEL=0
DSPI_2
—
—
SIN
PSMI[2];
PADSEL=0
MC_RGM
—
—
ABS[0]
—
SIUL
—
—
EIRQ[2]
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com