Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 4Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 5Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 6Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 7Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 8Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 9Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 10Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 11Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Introduction
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
8/128
DocID023953 Rev 5
1.3
Device comparison
Table 1. SPC56XL70/SPC56X64 device summary
Feature
SPC56EL64
SPC56EL70
SPC564L64
SPC564L70
CPU
Type
2 × e200z4
(in lock-step or
decoupled
operation)
2 × e200z4
(in lock-step or
decoupled
operation)
1 × e200z4
1 × e200z4
Architecture
Harvard
Execution
speed
0–120 MHz (+2% FM)
DMIPS intrinsic
performance
>240 MIPS
SIMD
(DSP + FPU)
Yes
MMU
16 entry
Instruction set
PPC
Yes
Instruction set
VLE
Yes
Instruction
cache
4 KB, EDC
MPU-16
regions
Yes, replicated module
Semaphore unit
(SEMA4)
Yes
Buses
Core bus
AHB, 32-bit address, 64-bit data
Internal
periphery bus
32-bit address, 32-bit data
Crossbar
Master × slave
ports
Lock Step Mode: 4 × 3
Decoupled Parallel Mode: 6 × 3
4 x 3
Memory
Code/data flash
1.5 MB, ECC,
RWW
2 MB, ECC, RWW 1.5 MB, ECC, RWW
2 MB, ECC, RWW
Static RAM
(SRAM)
160 KB, ECC
192 KB, ECC
160 KB, ECC
192 KB, ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com