Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 71Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 72Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 73Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 74Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 75Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 76Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 77Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 78Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
DocID023953 Rev 5
75/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Electrical characteristics
127
3.3
Recommended operating conditions
VSS_HV_ADR0
VSS_HV_ADR1
SR ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—
–0.1
0.1
V
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
–0.3
4.5(3), (4)
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
–0.1
0.1
V
TVDD
SR Supply ramp rate
—
3.0 × 10-6
(3.0 V/sec)
0.5 V/µs
V/µs
VIN
SR Voltage on any pin with respect to ground
(VSS_HV_IOx)or Vss_HV_ADRx
Valid only for
ADC pins
–0.3
6.0(4)
V
Relative to
VDD
–0.3
VDD + 0.3(4),
(5)
IINJPAD
SR Injected input current on any pin during
overload condition
—
–10
10
mA
IINJSUM
SR Absolute sum of all injected input currents
during overload condition
—
–50
50
mA
TSTG
SR Storage temperature
—
–55
150
°C
1. Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability or cause permanent damage to the device.
2. Any voltage between operating condition and absolute max rating can be sustained for maximum cumulative time of 10
hours.
3. Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
4. Internal structures hold the input voltage less than the maximum voltage on all pads powered by VDDE supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage specifications.
5. VDD has to be considered equal to VDD_HV_ADRx in case of ADC pins, whilst it is VDD_HV_IOx for any other pin.
Table 8. Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
Table 9. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Min(1)
Max
Unit
VDD_HV_REG
SR
3.3 V voltage regulator supply voltage
—
3.0
3.63
V
VSS_HV_REG
SR
3.3 V voltage regulator reference voltage
—
0
0
V
VDD_HV_IOx
SR
3.3 V input/output supply voltage
—
3.0
3.63
V
VSS_HV_IOx
SR
Input/output ground voltage
—
0
0
V
VDD_HV_FLA
SR
3.3 V flash supply voltage
—
3.0
3.63
V
VSS_HV_FLA
SR
Flash memory ground
—
0
0
V
VDD_HV_OSC
SR
3.3 V crystal oscillator amplifier supply
voltage
—3.0
3.63
V
VSS_HV_OSC
SR
3.3 V crystal oscillator amplifier reference
voltage
—0
0
V
VDD_HV_ADR0(2),(3)
VDD_HV_ADR1
SR
3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—
4.5 to 5.5 or
3.0 to 3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com