Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56EL70L3 Datasheet HTML 1Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 2Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 3Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 4Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 5Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 6Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 7Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 8Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
This is information on a product in full production.
July 2015
DocID023953 Rev 5
1/128
SPC56EL70L3, SPC56EL70L5,
SPC564L70L3, SPC564L70L5
32-bit Power Architecture®microcontroller for automotive
SIL3/ASILD chassis and safety applications
Datasheet
- production data
Features
 High-performance e200z4d dual core
– 32-bit Power Architecture® technology
CPU
– Core frequency as high as 120 MHz
– Dual issue five-stage pipeline core
– Variable Length Encoding (VLE)
– Memory Management Unit (MMU)
– 4 KB instruction cache with error detection
code
– Signal Processing Engine (SPE)
 Memory available
– 2 MB flash memory with ECC
– 192 KB on-chip SRAM with ECC
– Built-in RWW capabilities for EEPROM
emulation
 SIL3/ASILD innovative safety concept: Lock
step mode and Fail-safe protection
– Sphere of Replication (SoR) for key
components (such as CPU core, eDMA,
crossbar switch)
– Fault Collection and Control Unit (FCCU)
– Redundancy Control and Checker Unit
(RCCU) on outputs of the SoR connected
to FCCU
– Boot-time Built-In Self-Test for Memory
(MBIST) and Logic (LBIST) triggered by
hardware
– Boot-time Built-In Self-Test for ADC and
flash memory triggered by software
– Replicated safety enhanced watchdog
– Replicated junction temperature sensor
– Non Maskable Interrupt (NMI)
– 16-region Memory Protection Unit (MPU)
– Clock Monitoring Units (CMU)
– Power Management Unit (PMU)
– Cyclic Redundancy Check (CRC) unit
 Decoupled Parallel mode for high performance
use of replicated cores
 Nexus Class 3+ interface
 Interrupts
– Replicated 16-priority controller
– Replicated 16-channel eDMA controller
 GPIOs individually programmable as input,
output or special function
 Three 6-channel general-purpose eTimer units
 2 FlexPWM units: Four 16-bit channels per
module
 Communications interfaces
– 2 LINFlexD channels
– 3 DSPI channels with automatic chip select
generation
– 3 FlexCAN interfaces (2.0B Active) with 32
message objects
– FlexRay module (V2.1 Rev. A) with 2
channels, 64 message buffers and data
rates up to 10 Mbit/s
 Two 12-bit Analog-to-digital Converters (ADC)
– 16 input channels
– Programmable Cross Triggering Unit (CTU)
to synchronize ADCs conversion with timer
and PWM
 Sine wave generator (D/A with low pass filter)
 On-chip CAN/UART/FlexRay Bootstrap loader
 Single 3.0 V to 3.6 V voltage supply
 Ambient temperature range –40 °C to 125 °C
 Junction temperature range –40 °C to 150 °C
LQFP100 (14 x 14x 1.4 mm)
LQFP144 (20 x 20 x 1.4 mm)
www.st.com


Similar Part No. - SPC56EL70L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL70L5DISP STMICROELECTRONICS-SPC56EL70L5DISP Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
More results

Similar Description - SPC56EL70L3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
ams AG
AS1116 AMSCO-AS1116 Datasheet
1,018Kb / 20P
64 LED Driver with Detailed Error Detection
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
The Error Code Correction
15-Jan-2013
logo
Analog Devices
EVAL-ADGS1412SDZ AD-EVAL-ADGS1412SDZ Datasheet
717Kb / 12P
SPI interface with error detection
Rev. 0
logo
List of Unclassifed Man...
MT7628 ETC2-MT7628 Datasheet
1Mb / 53P
Embedded MIPS24KEc (580 MHz) with 64 KB I-Cache and 32 KB D-cache
MT7688 ETC2-MT7688 Datasheet
6Mb / 317P
Embedded MIPS24KEc (575/580 MHz) with 64 KB I-Cache and 32 KB D-Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com