Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 6Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 7Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 8Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 9Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 10Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 11Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 12Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 13Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Introduction
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
10/128
DocID023953 Rev 5
Modules
(cont.)
Deserial Serial
Peripheral
Interface (DSPI)
3 × DSPI as many as 8 chip selects
Cyclic
Redundancy
Checker (CRC)
unit
Yes
Junction
temperature
sensor
(TSENS)
Yes, replicated module
Digital I/Os
 16
Supply
Device power
supply
3.3 V with integrated bypassable ballast transistor
External ballast transistor not needed for bare die
Analog
reference
voltage
3.0 V – 3.6 V and 4.5 V – 5.5 V
Clocking
Frequency-
modulated
phase-locked
loop (FMPLL)
2
Internal RC
oscillator
16 MHz
External crystal
oscillator
4 – 40 MHz
Debug
Nexus
Level 3+
Package
s
LQFP
100 pins
144 pins
Temperat
ure
Temperature
range (junction)
–40 to 150
°C
Ambient
temperature
range using
external ballast
transistor
(LQFP)
–40 to 125
°C
1. The third eTimer is not connected to any pins on the package. Its usage is confined internally to the device.
2. The second FlexPWM is not connected to any pins on the package. Its usage is confined internally to the device.
Table 1. SPC56XL70/SPC56X64 device summary (continued)
Feature
SPC56EL64
SPC56EL70
SPC564L64
SPC564L70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com