Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 97Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 98Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 99Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 100Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 101Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 102Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 103Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 104Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
DocID023953 Rev 5
101/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Electrical characteristics
127
3.17
SWG electrical characteristics
3.18
AC specifications
3.18.1
Pad AC specifications
Table 29. SPC56XL70 SWG Specifications
Symbol
Parameter
Value
Minimum
Typical
Maximum
T
Input clock
12 MHz
16 MHz
20 MHz
T
Frequency Range
1KHz
—
50 KHz
T
Peak to Peak(1)
1. Peak to Peak value is measured with no R or I load.
0.4 V
—
2.0V
T
Peak to Peak variation(2)
2. Peak to Peak excludes noise, SiNAD must be considered.
-6%
—
6%
T
Common Mode(3)
3. Common mode value is measured with no R or I load.
—
1.3 V
—
T
Common Mode variation
-6%
—
6%
T
SiNAD(4)
4. SiNAD is measured at Max Peak to Peak voltage.
45 dB
—
—
T
Load C
25 pF
—
100 pF
T
Load I
0 µA
—
100 µA
T
ESD Pad Resistance(5)
5. Internal device routing resistance. ESD pad resistance is in series and must be considered for max Peak to Peak voltages,
depending on application I load and/or R load.
230
—360
Table 30. Pad AC specifications (3.3 V, IPP_HVE = 0)(1)
No
Pad
Tswitchon1
(ns)
Rise/Fall(2)
(ns)
Frequency
(MHz)
Current slew(3)
(mA/ns)
Load
drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1Slow
T
3
—
40
——
40
——
40.01
—
2
25
3
—
40
——
50
——
20.01
—
2
50
3
—
40
—
—
75
—
—
2
0.01
—
2
100
3
—
40
—
—
100
—
—
2
0.01
—
2
200
2Medium
T
1
—
15
——
12
——
40
2.5
—
7
25
1
—
15
——
25
——
20
2.5
—
7
50
1
—
15
—
—
40
—
—
13
2.5
—
7
100
1
—
15
—
—
70
—
—
7
2.5
—
7
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com