Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL70L3 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC56EL70L3
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70L3 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC56EL70L3 Datasheet HTML 106Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 107Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 108Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 109Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 110Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 111Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 112Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 113Page - STMicroelectronics SPC56EL70L3 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
Electrical characteristics
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
110/128
DocID023953 Rev 5
3.20.2
WKUP/NMI timing
3.20.3
IEEE 1149.1 JTAG interface timing
Figure 23. JTAG test clock input timing
Table 35. WKUP/NMI glitch filter
No.
Symbol
Parameter
Min
Typ
Max
Unit
1WFNMI
D
NMI pulse width that is rejected
—
—
45
ns
2WNFNMI
D
NMI pulse width that is passed
205
—
—
ns
Table 36. JTAG pin AC electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tJCYC
D TCK cycle time
—
62.5
—
ns
2tJDC
D TCK clock pulse width (measured at VDDE/2)
—
40
60
%
3tTCKRISE
D TCK rise and fall times (40%–70%)
—
—
3
ns
4tTMSS, tTDIS D TMS, TDI data setup time
—
5
—
ns
5tTMSH, tTDIH D TMS, TDI data hold time
—
25
—
ns
6tTDOV
D TCK low to TDO data valid
—
—
20
ns
7tTDOI
D TCK low to TDO data invalid
—
0
—
ns
8tTDOHZ
D TCK low to TDO high impedance
—
—
20
ns
11
tBSDV
D TCK falling edge to output valid
—
—
50
ns
12
tBSDVZ
D
TCK falling edge to output valid out of high
impedance
——
50
ns
13
tBSDHZ
D TCK falling edge to output high impedance
—
—
50
ns
14
tBSDST
D Boundary scan input valid to TCK rising edge
—
50
—
ns
15
tBSDHT
D TCK rising edge to boundary scan input invalid
—
50
—
ns
TCK
1
2
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com