Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 99Page - STMicroelectronics SPC560B54X Datasheet HTML 100Page - STMicroelectronics SPC560B54X Datasheet HTML 101Page - STMicroelectronics SPC560B54X Datasheet HTML 102Page - STMicroelectronics SPC560B54X Datasheet HTML 103Page - STMicroelectronics SPC560B54X Datasheet HTML 104Page - STMicroelectronics SPC560B54X Datasheet HTML 105Page - STMicroelectronics SPC560B54X Datasheet HTML 106Page - STMicroelectronics SPC560B54X Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 133 page
background image
DocID15131 Rev 9
103/133
SPC560B54x/6x
Electrical characteristics
132
CP1
CC D ADC_0 input pin capacitance 1
—
—
—
3
pF
CP2
CC D ADC_0 input pin capacitance 2
——
—
1
pF
CP3
CC D ADC_0 input pin capacitance 3
—
—
—
1
pF
RSW1
CC D
Internal resistance of analog
source
——
—
3
k
RSW2
CC D
Internal resistance of analog
source
—
—
—
2
k
RAD
CC D
Internal resistance of analog
source
——
—
2
k
IINJ
SR — Input current Injection
Current
injection on
one ADC_0
input, different
from the
converted one
VDD = 
3.3 V ± 10%
5—
5
mA
VDD = 
5.0 V ± 10%
5
—
5
| INL |
CC T Absolute integral nonlinearity
No overload
—
0.5
1.5
LSB
| DNL |
CC T
Absolute differential
nonlinearity
No overload
—
0.5
1.0
LSB
| EO |
CC T Absolute offset error
—
—
0.5
—
LSB
| EG |
CC T Absolute gain error
——
0.6
—
LSB
TUEP
CC
P Total unadjusted error(7) for
precise channels, input only
pins
Without current injection
2
0.6
2
LSB
T
With current injection
3
—
3
TUEX
CC
T Total unadjusted error(7) for
extended channel
Without current injection
3
1
3
LSB
T
With current injection
4
4
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
Analog and digital VSS must be common (to be tied together externally).
3.
VAINx may exceed VSS_ADC0 and VDD_ADC0 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
4.
Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured by internal
divider by 2.
5.
During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC0_S. After the end of
the sampling time tADC0_S, changes of the analog input voltage have no effect on the conversion result. Values for the
sampling clock tADC0_S depend on programming.
6.
This parameter does not include the sampling time tADC0_S, but only the time for determining the digital result and the time
to load the result’s register with the conversion result.
7.
Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 45. ADC_0 conversion characteristics (10-bit ADC_0) (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com