Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B54X Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 102Page - STMicroelectronics SPC560B54X Datasheet HTML 103Page - STMicroelectronics SPC560B54X Datasheet HTML 104Page - STMicroelectronics SPC560B54X Datasheet HTML 105Page - STMicroelectronics SPC560B54X Datasheet HTML 106Page - STMicroelectronics SPC560B54X Datasheet HTML 107Page - STMicroelectronics SPC560B54X Datasheet HTML 108Page - STMicroelectronics SPC560B54X Datasheet HTML 109Page - STMicroelectronics SPC560B54X Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
106/133
DocID15131 Rev 9
IINJ
SR — Input current Injection
Current
injection on
one ADC_1
input,
different
from the
converted
one
VDD = 3.3 V ±
10%
–5
—
5
mA
VDD = 5.0 V ±
10%
–5
—
5
| INLP |
CC T
Absolute integral nonlinearity
– Precise channels
No overload
—
1
3
LSB
| INLX |
CC T
Absolute integral nonlinearity
– Extended channels
No overload
—
1.5
5
LSB
| DNL |
CC T
Absolute differential
nonlinearity
No overload
—
0.5
1
LSB
| EO |
CC T Absolute offset error
—
—
2
—
LSB
| EG |
CC T Absolute gain error
—
—
2
—
LSB
TUEP(7)
CC
P Total unadjusted error for
precise channels, input only
pins
Without current injection
–6
—
6
LSB
T
With current injection
–8
—
8
TUEX(7)
CC
T Total unadjusted error for
extended channel
Without current injection
–10
—
10
LSB
T
With current injection
–12
—
12
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified
2.
Analog and digital VSS must be common (to be tied together externally).
3.
VAINx may exceed VSS_ADC1 and VDD_ADC1 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0xFFF.
4.
During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC1_S. After the end of
the sampling time tADC1_S, changes of the analog input voltage have no effect on the conversion result. Values for the
sampling clock tADC1_S depend on programming.
5.
This parameter does not include the sampling time tADC1_S, but only the time for determining the digital result and the time
to load the result’s register with the conversion result.
6.
Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured by internal
divider by 2.
7.
Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 46. ADC_1 conversion characteristics (12-bit ADC_1) (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com