Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC560P34L3 Datasheet HTML 56Page - STMicroelectronics SPC560P34L3 Datasheet HTML 57Page - STMicroelectronics SPC560P34L3 Datasheet HTML 58Page - STMicroelectronics SPC560P34L3 Datasheet HTML 59Page - STMicroelectronics SPC560P34L3 Datasheet HTML 60Page - STMicroelectronics SPC560P34L3 Datasheet HTML 61Page - STMicroelectronics SPC560P34L3 Datasheet HTML 62Page - STMicroelectronics SPC560P34L3 Datasheet HTML 63Page - STMicroelectronics SPC560P34L3 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
60/103
Doc ID 16100 Rev 7
3.10.2
DC electrical characteristics (5 V)
Table 19 gives the DC electrical characteristics at 5 V (4.5 V < VDD_HV_IOx < 5.5 V,
NVUSRO[PAD3V5V] = 0).
Table 19.
DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VIL
D
Low level input voltage
—
−0.4(1)
—V
P—
—
0.35 VDD_HV_IOx
V
VIH
P
High level input voltage
—0.65 VDD_HV_IOx
—V
D—
—
VDD_HV_IOx +0.4
(1)
V
VHYS
T
Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P
Slow, low level output voltage
IOL =3 mA
—
0.1 VDD_HV_IOx
V
VOH_S
P
Slow, high level output voltage
IOH = −3mA
0.8 VDD_HV_IOx
—V
VOL_M
P
Medium, low level output voltage
IOL =3 mA
—
0.1 VDD_HV_IOx
V
VOH_M
P
Medium, high level output
voltage
IOH = −3mA
0.8 VDD_HV_IOx
—V
VOL_F
P
Fast, low level output voltage
IOL =14mA
—
0.1VDD_HV_IOx
V
VOH_F
P
Fast, high level output voltage
IOH = −14 mA
0.8 VDD_HV_IOx
—V
IPU
P
Equivalent pull-up current
VIN =VIL
−130
—
µA
VIN =VIH
—
−10
IPD
P
Equivalent pull-down current
VIN =VIL
10
—
µA
VIN =VIH
—
130
IIL
P
Input leakage current
(all bidirectional ports)
TA = −40 to 125 °C
−11
µA
IIL
P
Input leakage current
(all ADC input-only ports)
TA = −40 to 125 °C
−0.5
0.5
µA
CIN
D
Input capacitance
—
—
10
pF
1.
“SR” parameter values must not exceed the absolute maximum ratings shown in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com