Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC560P34L3 Datasheet HTML 23Page - STMicroelectronics SPC560P34L3 Datasheet HTML 24Page - STMicroelectronics SPC560P34L3 Datasheet HTML 25Page - STMicroelectronics SPC560P34L3 Datasheet HTML 26Page - STMicroelectronics SPC560P34L3 Datasheet HTML 27Page - STMicroelectronics SPC560P34L3 Datasheet HTML 28Page - STMicroelectronics SPC560P34L3 Datasheet HTML 29Page - STMicroelectronics SPC560P34L3 Datasheet HTML 30Page - STMicroelectronics SPC560P34L3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Introduction
Doc ID 16100 Rev 7
27/103
The development support provided includes access to the MCU’s internal memory map and
access to the processor’s internal registers.
The NDI provides the following features:
●
Configured via the IEEE 1149.1
●
All Nexus port pins operate at VDDIO (no dedicated power supply)
●
Nexus Class 1 supports Static debug
1.5.29
Cyclic redundancy check (CRC)
The CRC computing unit is dedicated to the computation of CRC off-loading the CPU. The
CRC module features:
●
Support for CRC-16-CCITT (x25 protocol):
–
x16 + x12 + x5 + 1
●
Support for CRC-32 (Ethernet protocol):
–
x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
●
Zero wait states for each write/read operations to the CRC_CFG and CRC_INP
registers at the maximum frequency
1.5.30
IEEE 1149.1 JTAG controller
The JTAG controller (JTAGC) block provides the means to test chip functionality and
connectivity while remaining transparent to system logic when not in test mode. All data
input to and output from the JTAGC block is communicated in serial format. The JTAGC
block is compliant with the IEEE standard.
The JTAG controller provides the following features:
●
IEEE test access port (TAP) interface 4 pins (TDI, TMS, TCK, TDO)
●
Selectable modes of operation include JTAGC/debug or normal system operation.
●
5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
–
BYPASS
–
IDCODE
–EXTEST
–
SAMPLE
–
SAMPLE/PRELOAD
●
5-bit instruction register that supports the additional following public instructions:
–
ACCESS_AUX_TAP_NPC
–
ACCESS_AUX_TAP_ONCE
●
3 test data registers:
–
Bypass register
–
Boundary scan register (size parameterized to support a variety of boundary scan
chain lengths)
–
Device identification register
●
TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com