Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC560P34L3 Datasheet HTML 1Page - STMicroelectronics SPC560P34L3 Datasheet HTML 2Page - STMicroelectronics SPC560P34L3 Datasheet HTML 3Page - STMicroelectronics SPC560P34L3 Datasheet HTML 4Page - STMicroelectronics SPC560P34L3 Datasheet HTML 5Page - STMicroelectronics SPC560P34L3 Datasheet HTML 6Page - STMicroelectronics SPC560P34L3 Datasheet HTML 7Page - STMicroelectronics SPC560P34L3 Datasheet HTML 8Page - STMicroelectronics SPC560P34L3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
This is information on a product in full production.
September 2013
Doc ID 16100 Rev 7
1/103
1
SPC560P34L1, SPC560P34L3
SPC560P40L1, SPC560P40L3
32-bit Power Architecture® based MCU with 320 KB Flash memory
and 20 KB RAM for automotive chassis and safety applications
Datasheet
− production data
Features
■
Up to 64 MHz, single issue, 32-bit CPU core
complex (e200z0h)
– Compliant with Power Architecture®
embedded category
– Variable Length Encoding (VLE)
■
Memory organization
– Up to 256 KB on-chip code flash memory
with ECC and erase/program controller
– Additional 64 (4 × 16) KB on-chip data
flash memory with ECC for EEPROM
emulation
– Up to 20 KB on-chip SRAM with ECC
■
Fail-safe protection
– Programmable watchdog timer
– Non-maskable interrupt
– Fault collection unit
■
Nexus Class 1 interface
■
Interrupts and events
– 16-channel eDMA controller
– 16 priority level controller
– Up to 25 external interrupts
– PIT implements four 32-bit timers
– 120 interrupts are routed via INTC
■
General purpose I/Os
– Individually programmable as input, output
or special function
– 37 on LQFP64
– 64 on LQFP100
■
1 general purpose eTimer unit
– 6 timers each with up/down capabilities
– 16-bit resolution, cascadable counters
– Quadrature decode with rotation direction
flag
– Double buffer input capture and output
compare
■
Communications interfaces
– 2 LINFlex channels (1× Master/Slave, 1×
Master only)
– Up to 3 DSPI channels with automatic chip
select generation (up to 8/4/4 chip selects)
– Up to 2 FlexCAN interface (2.0B Active)
with 32 message buffers
– 1 safety port based on FlexCAN with 32
message buffers and up to 8 Mbit/s at
64 MHz capability usable as second CAN
when not used as safety port
■
One 10-bit analog-to-digital converter (ADC)
– Up to 16 input channels (16 on LQFP100 /
12 on LQFP64)
– Conversion time < 1 µs including sampling
time at full precision
– Programmable Cross Triggering Unit (CTU)
– 4 analog watchdogs with interrupt
capability
■
On-chip CAN/UART bootstrap loader with Boot
Assist Module (BAM)
■
1 FlexPWM unit: 8 complementary or
independent outputs with ADC synchronization
signals
Table 1.
Device summary
Package
Code flash memory
192 KB
256 KB
LQFP100
SPC560P34L3
SPC560P40L3
LQFP64
SPC560P34L1
SPC560P40L1
LQFP64 (10 x 10 x 1.4 mm)
LQFP100 (14 x 14 x 1.4 mm)
www.st.com


Similar Part No. - SPC560P34L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
SPC560P44L5 STMICROELECTRONICS-SPC560P44L5 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
SPC560P50L3 STMICROELECTRONICS-SPC560P50L3 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
SPC560P50L5 STMICROELECTRONICS-SPC560P50L5 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
SPC560P54L3 STMICROELECTRONICS-SPC560P54L3 Datasheet
1Mb / 104P
32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
May 2012 Rev 3
More results

Similar Description - SPC560P34L3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
20-Jan-1998
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
944Kb / 28P
Automotive Standard Programmable Watchdog Timer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com