Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC560P34L3 Datasheet HTML 43Page - STMicroelectronics SPC560P34L3 Datasheet HTML 44Page - STMicroelectronics SPC560P34L3 Datasheet HTML 45Page - STMicroelectronics SPC560P34L3 Datasheet HTML 46Page - STMicroelectronics SPC560P34L3 Datasheet HTML 47Page - STMicroelectronics SPC560P34L3 Datasheet HTML 48Page - STMicroelectronics SPC560P34L3 Datasheet HTML 49Page - STMicroelectronics SPC560P34L3 Datasheet HTML 50Page - STMicroelectronics SPC560P34L3 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
47/103
Figure 6 shows the constraints of the different power supplies.
Figure 6.
Power supplies constraints (–0.3 V
≤ VDD_HV_IOx ≤ 6.0 V)
The SPC560P34/SPC560P40 supply architecture allows the ADC supply to be managed
independently from the standard VDD_HV supply. Figure 7 shows the constraints of the ADC
power supply.
IINJSUM
S
R
Absolute sum of all input currents
during overload condition
—
–50
50
mA
TSTG
S
R
Storage temperature
—
–55
150
°C
TJ
S
R
Junction temperature under bias
—
−40
150
°C
1.
Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2.
Absolute maximum voltages are currently maximum burn-in voltages.
3.
The difference between each couple of voltage supplies must be less than 300 mV,
⏐VDD_HV_IOy –VDD_HV_IOx⏐ < 300 mV.
4.
Guaranteed by device validation.
5.
Minimum value of TVDD must be guaranteed until VDD_HV_REG reaches 2.6 V (maximum value of VPORH)
6.
Only when VDD_HV_IOx < 5.2 V
Table 9.
Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(2)
VDD_HV_xxx
VDD_HV_IOx
–0.3 V
6.0 V
–0.3 V
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com