Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 99 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button SPC560P34L3 Datasheet HTML 95Page - STMicroelectronics SPC560P34L3 Datasheet HTML 96Page - STMicroelectronics SPC560P34L3 Datasheet HTML 97Page - STMicroelectronics SPC560P34L3 Datasheet HTML 98Page - STMicroelectronics SPC560P34L3 Datasheet HTML 99Page - STMicroelectronics SPC560P34L3 Datasheet HTML 100Page - STMicroelectronics SPC560P34L3 Datasheet HTML 101Page - STMicroelectronics SPC560P34L3 Datasheet HTML 102Page - STMicroelectronics SPC560P34L3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Revision history
Doc ID 16100 Rev 7
99/103
21-May-2010
2
(continued)
– Updated the “DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 0)“ section:
– Deleted all rows concerning RESET
– Deleted “IVPP“ row
– Added the max value for CIN
Added the “I/O pad current specification“ section
Updated the Order codes table.
Added “Appendix A”
23-Dec-2010
3
“Introduction” section:
– Changed title (was “Overview“)
– Updated contents
“SPC560P34/SPC560P40 device comparison” table:
– Added sentence above table
– Removed “FlexRay” row
– “FlexCAN” row: removed link to footnote 2 for SPC560P34
– Updated “Safety port” row for SPC560P34
– Updated “DSPI” row for SPC560P34
“SPC560P34/SPC560P40 block diagram”: added the following blocks: MC_CGM,
MC_ME, MC_PCU, MC_RGM, CRC, and SSCM
Added “SPC560P34/SPC560P40 series block summary” table
“Pin muxing” section: removed information on “Symmetric pads”
“Electrical characteristics” section:
– Updated “Caution” note
– Demoted “NVUSRO register” section to subsection of “DC electrical characteristics”
section
– “NVUSRO register” section: deleted “NVUSRO[WATCHDOG_EN] field description“
section
Updated “EMI testing specifications” table
“Low voltage monitor electrical characteristics” table: updated VMLVDDOK_H max value
“DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)” table: removed VOL_SYM,
and VOH_SYM rows
“Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)” table:
–IDD_LV_CORE, RUN—Maximum mode, 40/64 MHz: updated typ/max values
–IDD_LV_CORE, RUN—Airbag mode, 40/64 MHz: updated typ/max values
–IDD_LV_CORE, RUN—Maximum mode, “P” parameter classification: removed
–IDD_FLASH: removed rows
–IDD_ADC, Maximum mode: updated typ/max values
–IDD_OSC: updated max value
Updated “DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)” table
“Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)” table:
–IDD_LV_CORE, RUN—Maximum mode, 40/64 MHz: updated typ/max values
–IDD_LV_CORE, RUN—Airbag mode, 40/64 MHz: updated typ/max values
–IDD_FLASH: removed rows
–IDD_ADC, Maximum mode: updated typ/max values
–IDD_OSC: updated max value
Added “I/O consumption” table
Removed “I/O weight” table
Table 45.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com