Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC560P34L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC560P34L3 Datasheet HTML 95Page - STMicroelectronics SPC560P34L3 Datasheet HTML 96Page - STMicroelectronics SPC560P34L3 Datasheet HTML 97Page - STMicroelectronics SPC560P34L3 Datasheet HTML 98Page - STMicroelectronics SPC560P34L3 Datasheet HTML 99Page - STMicroelectronics SPC560P34L3 Datasheet HTML 100Page - STMicroelectronics SPC560P34L3 Datasheet HTML 101Page - STMicroelectronics SPC560P34L3 Datasheet HTML 102Page - STMicroelectronics SPC560P34L3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
Revision history
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
102/103
Doc ID 16100 Rev 7
13-May-2011
4
(continued)
Commercial product code structure: Replaced “Conditioning” with “Packing”
Table 44: added “DUT”, “NPN”, and “RISC”
22-Dec-2011
5
Updated
Table 1: Device summary
Updated
Section 1.5.28: Nexus Development Interface (NDI)
Section Table 2.: SPC560P34/SPC560P40 device comparison: changed Nexus L1+
with Nexus Class 1
Table 7: Pin muxing: removed E[0] row
Table 9: Absolute maximum ratings: updated minumum and maximum values for TVDD
parameter
Section 3.10: DC electrical characteristics: Removed oscillator margin.
Removed Section NVUSRO[OSCILLATOR_MARGIN] field description and Table
NVUSRO[OSCILLATOR_MARGIN] field description
Updated Section 3.8.1: Voltage regulator electrical characteristics
Updated
Section Figure 10.: Voltage regulator configuration
Table 16: Voltage regulator electrical characteristics: added LReg row, updated condition
for CDEC1, CDEC2 and CDEC3
Removed “Order codes” tables
20-Dec-2012
6
Table 9 (Absolute maximum ratings): updated TVDD parameter, the minimum value to
3.0 V/s, added note on minimum value, and the maximum value to 0.5 V/µs
Table 20 (Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)): added IDD_HV_REG row
Table 22 (Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)): added IDD_HV_REG row
Updated
Section 3.14.1, Input impedance and ADC accuracy
Table 30 (ADC conversion characteristics): renamed “RSW1” in “RSW”
Table 31 (Program and erase specifications): added tESRT row
18-Sep-2013
7
Updated Disclaimer.
Table 45.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com