Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 9Page - STMicroelectronics SPC563M64L5 Datasheet HTML 10Page - STMicroelectronics SPC563M64L5 Datasheet HTML 11Page - STMicroelectronics SPC563M64L5 Datasheet HTML 12Page - STMicroelectronics SPC563M64L5 Datasheet HTML 13Page - STMicroelectronics SPC563M64L5 Datasheet HTML 14Page - STMicroelectronics SPC563M64L5 Datasheet HTML 15Page - STMicroelectronics SPC563M64L5 Datasheet HTML 16Page - STMicroelectronics SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
13/48
–
Configurable bus speed modes
–Bus monitor
–
Configurable wait states
●
System integration unit (SIU)
–
Centralized GPIO control of 80 I/O pins
–
Centralized pad control on a per-pin basis
Pin function selection
Configurable weak pull-up or pull-down
Drive strength
Slew rate
Hysteresis
–
System reset monitoring and generation
–
External interrupt inputs, filtering and control
–
Critical Interrupt control
–
Non-Maskable Interrupt control
–
Internal multiplexer subblock (IMUX)
Allows flexible selection of eQADC trigger inputs (eTPU, eMIOS and external
signals)
Allows selection of interrupt requests between external pins and DSPI
●
Error correction status module (ECSM)
–
Configurable error-correcting codes (ECC) reporting
–
Single-bit error correction reporting
●
On-chip Flash memory
–
Up to 1.5 MB flash memory, accessed via a 64-bit wide bus interface
–
16 KB shadow block
–
Fetch Accelerator
Provide single cycle flash access at 80 MHz
Quadruple 128-bit wide prefetch/burst buffers
Prefetch buffers can be configured to prefetch code or data or both
–
Censorship protection scheme to prevent flash content visibility
–
Flash divided into two independent arrays, allowing reading from one array while
erasing/programming the other array (used for EEPROM emulation)
–
Memory block:
For SPC563M64: 18 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 10 × 128 KB)
For SPC563M60P: 14 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 6 × 128 KB)
For SPC563M54P: 12 blocks (4
× 16 KB, 2 × 32 KB, 2 × 64 KB, 4 × 128 KB)
–
Hardware programming state machine
●
On-chip static RAM
–
For SPC563M64: 94 KB general purpose RAM of which 32 KB are on standby
power supply
–
For SPC563M60P: 64 KB general purpose RAM of which 32 KB are on standby
power supply
–
For SPC563M54P: 48 KB general purpose RAM of which 24 KB are on standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com