Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L5 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 36Page - STMicroelectronics SPC563M64L5 Datasheet HTML 37Page - STMicroelectronics SPC563M64L5 Datasheet HTML 38Page - STMicroelectronics SPC563M64L5 Datasheet HTML 39Page - STMicroelectronics SPC563M64L5 Datasheet HTML 40Page - STMicroelectronics SPC563M64L5 Datasheet HTML 41Page - STMicroelectronics SPC563M64L5 Datasheet HTML 42Page - STMicroelectronics SPC563M64L5 Datasheet HTML 43Page - STMicroelectronics SPC563M64L5 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Device overview
SPC563Mxx
40/48
Doc ID 13850 Rev 6
The following features are implemented:
●
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
–
Always available in production package
–
Supports both JTAG Boundary Scan and debug modes
–3.3 V interface
–
Supports Nexus class 1 features
–
Supports Nexus class 3 read/write feature
●
9-pin Reduced Port interface in LQFP144 production package
–
Alternate function as IO
–
5 V (in GPIO or alternate function mode), 3.3 V (in Nexus mode) interface
–
Auxiliary Output port
1 MCKO (message clock out) pin
4 MDO (message data out) pins
2 MSEO (message start/end out) pins
1 EVTO (event out) pin
–
Auxiliary input port
1 EVTI (event in) pin
●
17-pin Full Port interface in calibration package used on calibration tool boards
–3.3 V interface
–
Auxiliary Output port
1 MCKO (message clock out) pin
4 (reduced port mode) or 12 (full port mode) MDO (message data out) pins; 8
extra full port pins shared with calibration bus
2 MSEO (message start/end out) pins
1 EVTO (event out) pin
–
Auxiliary input port
1 EVTI (event in) pin
●
Host processor (e200) development support features
–
IEEE-ISTO 5001-2003 standard class 2 compliant
–
Program trace via branch trace messaging (BTM). Branch trace messaging
displays program flow discontinuities (direct branches, indirect branches,
exceptions, etc.), allowing the development tool to interpolate what transpires
between the discontinuities. Thus, static code may be traced.
–
Watchpoint trigger enable of program trace messaging
–
Data Value Breakpoints (JTAG feature of the e200z335 core): allows CPU to be
halted when the CPU writes a specific value to a memory location
4 data value breakpoints
CPU only
Detects ‘equal’ and ‘not equal’
Byte, half word, word (naturally aligned)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com