Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 24Page - STMicroelectronics SPC563M64L5 Datasheet HTML 25Page - STMicroelectronics SPC563M64L5 Datasheet HTML 26Page - STMicroelectronics SPC563M64L5 Datasheet HTML 27Page - STMicroelectronics SPC563M64L5 Datasheet HTML 28Page - STMicroelectronics SPC563M64L5 Datasheet HTML 29Page - STMicroelectronics SPC563M64L5 Datasheet HTML 30Page - STMicroelectronics SPC563M64L5 Datasheet HTML 31Page - STMicroelectronics SPC563M64L5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Device overview
SPC563Mxx
28/48
Doc ID 13850 Rev 6
The eMIOS provides the following features:
●
16 channels (24-bit timer resolution)
●
For compatibility with other family members selected channels and timebases are
implemented:
–
Channels 0 to 6, 8 to 15, and 23
–
Timebases A, B and C
●
Channels 1, 3, 5 and 6 support modes:
–
General Purpose Input/Output (GPIO)
–
Single Action Input Capture (SAIC)
–
Single Action Output Compare (SAOC)
●
Channels 2, 4, 11 and 13 support all the modes above plus:
–
Output Pulse Width Modulation Buffered (OPWMB)
●
Channels 0, 8, 9, 10, 12, 14, 15, 23 support all the modes above plus:
–
Input Period Measurement (IPM)
–
Input Pulse Width Measurement (IPWM)
–
Double Action Output Compare (set flag on both matches) (DAOC)
–
Modulus Counter Buffered (MCB)
–
Output Pulse Width and Frequency Modulation Buffered (OPWFMB)
●
Three 24-bit wide counter buses
–
Counter bus A can be driven by channel 23 or by the eTPU2 and all channels can
use it as a reference
–
Counter bus B is driven by channel 0 and channels 0 to 6 can use it as a reference
–
Counter bus C is driven by channel 8 and channels 8 to 15 can use it as a
reference
●
Shared time bases with the eTPU2 through the counter buses
●
Synchronization among internal and external time bases
3.3.13
eTPU2
The eTPU2 is an enhanced co-processor designed for timing control. Operating in parallel
with the host CPU, eTPU2 processes instructions and real-time input events, performs
output waveform generation, and accesses shared data without host intervention.
Consequently, for each timer event, the host CPU setup and service times are minimized or
eliminated. A powerful timer subsystem is formed by combining the eTPU2 with its own
instruction and data RAM. High level assembler/compiler and documentation allows
customers to develop their own functions on the eTPU2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com