Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics SPC563M64L5 Datasheet HTML 22Page - STMicroelectronics SPC563M64L5 Datasheet HTML 23Page - STMicroelectronics SPC563M64L5 Datasheet HTML 24Page - STMicroelectronics SPC563M64L5 Datasheet HTML 25Page - STMicroelectronics SPC563M64L5 Datasheet HTML 26Page - STMicroelectronics SPC563M64L5 Datasheet HTML 27Page - STMicroelectronics SPC563M64L5 Datasheet HTML 28Page - STMicroelectronics SPC563M64L5 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
25/48
drives the RSTOUT pin. Communication between the SIU and the e200z335 CPU core is
via the crossbar switch. The SIU provides the following features:
●
System configuration
–
MCU reset configuration via external pins
–
Pad configuration control for each pad
–
Pad configuration control for virtual I/O via DSPI serialization
●
System reset monitoring and generation
–
Power-on reset support
–
Reset status register provides last reset source to software
–
Glitch detection on reset input
–
Software controlled reset assertion
●
External interrupt
–
11 interrupt requests
–
Rising or falling edge event detection
–
Programmable digital filter for glitch rejection
–
Critical Interrupt request
–
Non-Maskable Interrupt request
●
GPIO
–
GPIO function on 80 I/O pins
–
Virtual GPIO on 64 I/O pins via DSPI serialization (requires external
deserialization device)
–
Dedicated input and output registers for setting each GPIO and Virtual GPIO pin
●
Internal multiplexing
–
Allows serial and parallel chaining of DSPIs
–
Allows flexible selection of eQADC trigger inputs
–
Allows selection of interrupt requests between external pins and DSPI
3.3.8
ECSM
The error correction status module provides status information regarding platform memory
errors reported by error-correcting codes.
3.3.9
Flash
Devices in the SPC563Mxx family provide up to 1.5 MB of programmable, non-volatile, flash
memory. The non-volatile memory (NVM) can be used for instruction and/or data storage.
The flash module includes a Fetch Accelerator, that optimizes the performance of the flash
array to match the CPU architecture and provides single cycle random access to the flash
@ 80 MHz. The flash module interfaces the system bus to a dedicated flash memory array
controller. For CPU ‘loads’, DMA transfers and CPU instruction fetch, it supports a 64-bit
data bus width at the system bus port, and a 128-bit read data interface to flash memory.
The module contains a four-entry, 128-bit prefetch buffer and a prefetch controller which
prefetches sequential lines of data from the flash array into the buffer. Prefetch buffer hits
allow no-wait responses. Normal flash array accesses are registered and are forwarded to
the system bus on the following cycle, incurring three wait-states. Prefetch operations may
be automatically controlled, and are restricted to instruction fetch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com